Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPT705-230-R Datasheet(PDF) 37 Page - Vicor Corporation

Part # FPT705-230-R
Description  8V to 36VIN Cool-Power ZVS Buck Regulator Family
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FPT705-230-R Datasheet(HTML) 37 Page - Vicor Corporation

Back Button FPT705-230-R Datasheet HTML 33Page - Vicor Corporation FPT705-230-R Datasheet HTML 34Page - Vicor Corporation FPT705-230-R Datasheet HTML 35Page - Vicor Corporation FPT705-230-R Datasheet HTML 36Page - Vicor Corporation FPT705-230-R Datasheet HTML 37Page - Vicor Corporation FPT705-230-R Datasheet HTML 38Page - Vicor Corporation FPT705-230-R Datasheet HTML 39Page - Vicor Corporation FPT705-230-R Datasheet HTML 40Page - Vicor Corporation FPT705-230-R Datasheet HTML 41Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
Cool-Power® ZVS Switching Regulators
Rev 2.5
Page 37 of 41
06/2017
PI33xx-x0
Layout Guidelines
To optimize maximum efficiency and low noise performance
from a PI33xx-x0 design, layout considerations are necessary.
Reducing trace resistance and minimizing high current loop
returns along with proper component placement will contribute
to optimized performance.
A typical buck converter circuit is shown in Figure 63. The
potential areas of high parasitic inductance and resistance are the
circuit return paths, shown as LR below.
The path between the COUT and CIN capacitors is of particular
importance since the AC currents are flowing through both of
them when Q1 is turned on.
Figure 64, schematically, shows the reduced trace length
between input and output capacitors. The shorter path
lessens the effects that copper trace parasitics can have on the
PI33xx-x0 performance.
When Q1 is on and Q2 is off, the majority of CIN’s current is used
to satisfy the output load and to recharge the COUT capacitors.
When Q1 is off and Q2 is on, the load current is supplied by the
inductor and the COUT capacitor as shown in Figure 65. During
this period CIN is also being recharged by the VIN. Minimizing CIN
loop inductance is important to reduce peak voltage excursions
when Q1 turns off. Also, the difference in area between the CIN
loop and COUT loop is vital to minimize switching and GND noise.
The recommended component placement, shown in Figure 66,
illustrates the tight path between CIN and COUT (and VIN and VOUT)
for the high AC return current. This optimized layout is used on
the PI33xx-x0 evaluation board.
Figure 67 details the recommended receiving footprint for
PI33xx-x0 10mm x 14mm package. All pads should have a final
copper size of 0.55mm x 0.55mm, whether they are solder-mask
defined or copper defined, on a 1mm x 1mm grid. All stencil
openings are 0.45mm when using either a 5mil or 6mil stencil.
C
OUT
C
IN
V
IN
Figure 63 — Typical Buck Converter
C
OUT
V
IN
C
IN
Q2
Q1
IND
Figure 64 — Current flow: Q1 closed
C
OUT
V
IN
C
IN
Figure 65 — Current flow: Q2 closed
C
OUT
C
IN
V
IN
V
OUT
GND
GND
VSW
Figure
66 — Recommended component placement and
metal routing
Murata Part Number
Description
GRM188R71C105KA12D
1μF 16V 0603 X7R
GRM319R71H104KA01D
0.1μF 50V 1206 X7R
GRM31CR60J107ME39L
100μF 6.3V 1206 X5R
GRM31CR71H475KA12K
4.7μF 50V 1206 X7R
GRM31CR61A476ME15L
47μF 10V 1206 X5R
GRM31CR61E226KE15L
22μF 25V 1206 X5R
Table 6 — Capacitor manufacturer part numbers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com