Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEF82913 Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # PEF82913
Description  2B1Q Second Gen. Modular ISDN NT
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEF82913 Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button PEF82913 Datasheet HTML 21Page - Infineon Technologies AG PEF82913 Datasheet HTML 22Page - Infineon Technologies AG PEF82913 Datasheet HTML 23Page - Infineon Technologies AG PEF82913 Datasheet HTML 24Page - Infineon Technologies AG PEF82913 Datasheet HTML 25Page - Infineon Technologies AG PEF82913 Datasheet HTML 26Page - Infineon Technologies AG PEF82913 Datasheet HTML 27Page - Infineon Technologies AG PEF82913 Datasheet HTML 28Page - Infineon Technologies AG PEF82913 Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 240 page
background image
PEF 82912/82913
Overview
Data Sheet
11
2001-03-30
10
WR
R/W
I
I
Write
Indicates a write access to the registers (Intel
bus mode).
Read/Write
A HIGH identifies a valid host access as a read
operation and a LOW identifies a valid host
access as a write operation (Motorola bus
mode).
9
ALE
I
Address Latch Enable
An address on the external address/data bus
(multiplexed bus type only) is latched with the
falling edge of ALE.
ALE also selects the microcontroller interface
type (multiplexed or non multiplexed).
5
RST
I
Reset:
Low active reset input. Schmitt-Trigger input
with hysteresis of typical 360 mV. Tie to ’1’ if not
used.
6
RSTO
OD
Reset Output:
Low active reset output.
15
INT
OD
Interrupt Request:
INT becomes active if the Q-SMINT®I requests
an interrupt.
18
MCLK
O
Microcontroller Clock:
Clock output for the microcontroller
19
Tie to ‘1‘
20
EAW
I
External Awake:
A low level on EAW during power down
activates the clock generation of the Q-
SMINT®I, i.e. the IOM®-2 interface provides
FSC, DCL and BCL for read and write
access.1)
43
SX1
O
S-Bus Transmitter Output (positive)
44
SX2
O
S-Bus Transmitter Output (negative)
47
SR1
I
S-Bus Receiver Input
Table 2
Pin Definitions and Functions (cont’d)
Pin
Symbol
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com