Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEF82913 Datasheet(PDF) 64 Page - Infineon Technologies AG

Part # PEF82913
Description  2B1Q Second Gen. Modular ISDN NT
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEF82913 Datasheet(HTML) 64 Page - Infineon Technologies AG

Back Button PEF82913 Datasheet HTML 60Page - Infineon Technologies AG PEF82913 Datasheet HTML 61Page - Infineon Technologies AG PEF82913 Datasheet HTML 62Page - Infineon Technologies AG PEF82913 Datasheet HTML 63Page - Infineon Technologies AG PEF82913 Datasheet HTML 64Page - Infineon Technologies AG PEF82913 Datasheet HTML 65Page - Infineon Technologies AG PEF82913 Datasheet HTML 66Page - Infineon Technologies AG PEF82913 Datasheet HTML 67Page - Infineon Technologies AG PEF82913 Datasheet HTML 68Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 240 page
background image
PEF 82912/82913
Functional Description
Data Sheet
50
2001-03-30
•
Figure 24
MONITOR Interrupt Structure
2.3.4
C/I Channel Handling
The Command/Indication channel carries real-time status information between the Q-
SMINT®I and another device connected to the IOM®-2.
1) C/I0 channel lies in IOM®-2 channel 0 and access may be arbitrated via the TIC bus
access protocol. In this case the arbitration is done in IOM®-2 channel 2.
The C/I0 channel is accessed via register CIR0 (received C/I0 data from DD) and
register CIX0 (transmitted C/I0 data to DU). The C/I0 code is four bits long.
In the receive direction, the code from layer-1 is continuously monitored, with an interrupt
being generated any time a change occurs (ISTA.CIC).
C/I0 only: a new code must be found in two consecutive IOM®-2 frames to be considered
valid and to trigger a C/I code change interrupt status (double last look criterion).
In the transmit direction, the code written in CIX0 is continuously transmitted in C/I0.
2) A second C/I channel (called C/I1) lies in IOM®-2 channel 1 and is used to convey real
time status information of the on-chip S-transceiver or an external device. The C/I1
channel consists of four or six bits in each direction. The width can be changed from 4
bit to 6 bit by setting bit CIX1.CICW.
CIC
ST
MOS
S
WOV
INT
ISTA
CIC
ST
MOS
S
WOV
U
U
MASK
MRE
MDR
MIE
MDA
MER
MAB
MOSR
MOCR
0
1
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com