Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEF82913 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # PEF82913
Description  2B1Q Second Gen. Modular ISDN NT
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEF82913 Datasheet(HTML) 4 Page - Infineon Technologies AG

  PEF82913 Datasheet HTML 1Page - Infineon Technologies AG PEF82913 Datasheet HTML 2Page - Infineon Technologies AG PEF82913 Datasheet HTML 3Page - Infineon Technologies AG PEF82913 Datasheet HTML 4Page - Infineon Technologies AG PEF82913 Datasheet HTML 5Page - Infineon Technologies AG PEF82913 Datasheet HTML 6Page - Infineon Technologies AG PEF82913 Datasheet HTML 7Page - Infineon Technologies AG PEF82913 Datasheet HTML 8Page - Infineon Technologies AG PEF82913 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 240 page
background image
For questions on technology, delivery and prices please contact the Infineon
Technologies Offices in Germany or the Infineon Technologies Companies and
Representatives worldwide: see our webpage at http://www.infineon.com
PEF 82912/82913
Revision History:
March 2001
DS 1
Previous Version:
Preliminary Data Sheet 10.00
Page
Subjects (major changes since last revision)
All
Editorial changes, addition of notes for clarification etc.
Table 1,
Chapter 1.3
Introduced new version 82913 with extended performance of the U-interface
Chapter
2.1.1.1
SCI: header description: added to sequences 43H, 41H and 49H: ’Generally, it can
be used for any register access to the address range 20H-7DH.’
Chapter
2.3.2
IOM-2 handler: removed ’U-transceiver (U)’ from listing of functional units with
programmable time slot and data port.
Figure 12
Figure ’Data Access via CDAx0 and CDAx1 register pairs’ corrected: input swap has
influence on the input enable (EN_I0,1), too
Chapter
2.5.5.2
C/I commands: removed ’unconditional command’ from description C/I-command
’DR’
Chapter
2.5.5.3
LT-S state machine: C/I=command AIL removed (no valid input to the LT-S state
machine)
Chapter 4
Detailed register description:
• U-transceiver Mode Evaluation Timing: clarified description
• register ID: reset value of version 1.3 is 01H (not 00H)
• CIX1.CODX1: bits 5-0 of C/I-channel 1 (not 7-2)
• IOM_CR:TIC_DIS: added for clarification: ’This means that the timeslots TIC, A/
B, S/G and BAC are not available any more.’
Chapter 5.1 Refined references for ESD requirements:’ ...(CDM), EIA/JESD22-A114B (HBM) ---’
Chapter 5.2 Input/output leakage current set to 10µA (before: 1µA)
Table 38
U-transceiver characteristics: enhanced S/N+D for 82913 and threshold level for
82912 and 82913 distinguished
Chapter 5.1 Absolute Maximum Ratings: Maximum Voltage on VDD: 4.2V (before: 4.6V)
Chapter
5.6.2
Chapter
5.6.3
AC-Timing SCI/parallel µC interface: enhanced timing specifications
Chapter
5.6.3
Added restriction for control interval tRI
Chapter
5.6.5
Parameters of the UVD/POR Circuit:
defined reduced range of hysteresis: min. 30mV/max. 90mV
relaxed upper limit of Detection Threshold to 2.92V (before: 2.9V)
defined max. rising VDD for power-on
Chapter
7.2.5
Register summary U-transceiver 4B3T:
Reset value of MASKU is FFH (not 00H)
Chapter 7.3 External circuitry for T-SMINT updated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com