Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6510DM-LF Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP6510DM-LF
Description  4.5V-to-16V,1.2A, Single-Phase Brushless DC Motor Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6510DM-LF Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP6510DM-LF Datasheet HTML 3Page - Monolithic Power Systems MP6510DM-LF Datasheet HTML 4Page - Monolithic Power Systems MP6510DM-LF Datasheet HTML 5Page - Monolithic Power Systems MP6510DM-LF Datasheet HTML 6Page - Monolithic Power Systems MP6510DM-LF Datasheet HTML 7Page - Monolithic Power Systems MP6510DM-LF Datasheet HTML 8Page - Monolithic Power Systems MP6510DM-LF Datasheet HTML 9Page - Monolithic Power Systems MP6510DM-LF Datasheet HTML 10Page - Monolithic Power Systems MP6510DM-LF Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MP6510
—4.5V-TO-16V, 1.2A, SINGLE-PHASE, BRUSHLESS DC MOTOR DRIVER
MP6510 Rev.1.01
www.MonolithicPower.com
8
1/16/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
FUNCTION DESCRIPTION
Motor Driver
The OUT1 and OUT2 pins drive the motor with a
maximum continuous output current of 1.2A at
room temperature. The peak output current value
is proportional to the Hall sensor output voltage
of (VIN+–VIN-).
Frequency Setting
A capacitor at the COSC pin sets the frequency.
For most applications, use a 100pF capacitor for
a typical PWM frequency of 30kHz.
Minimum Speed
The voltage on the RMI pin sets the minimum
PWM duty cycle to set the lowest speed.
Connect to VTH if not used.
Locked-Rotor Detection
The locked-rotor detector (the RD pin) is the
output of an open collector. It goes low when the
motor is rotating and goes into high impendence
if the motor is in a locked-rotor state. Leave it
open if not used.
Speed Detection
The rotational speed detector (the FG pin) is the
output of an open collector. It outputs a high or
low voltage relative to the Hall
comparator’s
output. Higher speeds produce higher-frequency
signals. Leave it open if not used.
Current Limit Proportional to Hall Signal
An internal amplifier with hysteresis amplifies the
differential Hall signal: The output of this amplifier
serves as the current limit value. The differential
Hall voltage drops to 0V every time an opposing
magnet passes the Hall sensor, which limits the
peak current during commutation. The Hall
sensor is directly powered by a 1.2V voltage on
the HB pin. In order to prevent the possible large
current during startup or lock-rotor period, an
internal secondary current limit is employed. It
ensures the current less than 2.5A typically. The
Hall senor input sensitivity accepted by the part is
down to 3mV.
Input OVP
A
reverse
current
generated
with
every
commutation charges the input capacitor and
causes a periodic voltage spike on the input pin.
The internal input over-voltage protection (OVP)
circuit turns off two HS switches when a spike
exceeds 20V, and recovers from OVP when the
spike is less than 18V.
Over Temperature Protection
The MOSFET is shutdown when the temperature
exceeds about 175
oC and resumes working once
the temperature is below about 155
oC.
Working Mode
The driver has 4 modes under normal conditions
as shown in Figure 2. The following describes
each mode:
 Minimum Speed Mode
This mode runs the motor at the slowest
motor speed. It uses a thermistor to provide
the VTH signal and compares it with RMI to
determine the slowest motor speed.
At low temperatures, VTH exceeds RMI. The
device
compares
VCOSC against RMI to
generate the PWM signal, PWM-RMI, to control
the motor speed. Removing the thermistor
causes VTH and the motor speed to reach
their respective maxima and minima.
 Variable Speed Mode
When the VTH signal falls below RMI, the
device compares VCOSC against VTH to
generate a PWM signal, PWM-VTH, to control
the motor speed. In general, VTH controls the
PWM duty cycle, and therefore the motor
speed.
 Full-Speed Mode
When the VTH signal is less than VCOSC(MIN),
the PWM duty is 100% and the motor speed
is at its maximum.
 Locked-Rotor Protection
An internal current source, ICT1, charges the
capacitor at the CT pin; changing the Hall
comparator’s output provides a reset signal to
drive an internal switch to discharge this
capacitor to VCTL.
If
the
motor
rotor
is
locked,
the
Hall
comparator’s output will not change. Once
the voltage on the capacitor goes to VCTH, the
driver enters locked-rotor protection mode
and another current source, ICT2, discharges
the CT capacitor. During this period, the
PWM duty cycle goes to 0% and the RD pin
is in a high impedance state. When the



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com