Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6510DM-LF Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP6510DM-LF
Description  4.5V-to-16V,1.2A, Single-Phase Brushless DC Motor Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6510DM-LF Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP6510DM-LF Datasheet HTML 3Page - Monolithic Power Systems MP6510DM-LF Datasheet HTML 4Page - Monolithic Power Systems MP6510DM-LF Datasheet HTML 5Page - Monolithic Power Systems MP6510DM-LF Datasheet HTML 6Page - Monolithic Power Systems MP6510DM-LF Datasheet HTML 7Page - Monolithic Power Systems MP6510DM-LF Datasheet HTML 8Page - Monolithic Power Systems MP6510DM-LF Datasheet HTML 9Page - Monolithic Power Systems MP6510DM-LF Datasheet HTML 10Page - Monolithic Power Systems MP6510DM-LF Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MP6510
—4.5V-TO-16V, 1.2A, SINGLE-PHASE, BRUSHLESS DC MOTOR DRIVER
MP6510 Rev.1.01
www.MonolithicPower.com
10
1/16/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
APPLICATION INFORMATION
Selecting the Input Capacitor
The input capacitor absorbs excess armature
inductor energy with every commutation. For
typical applications, select CIN≥10µF to provide a
margin of safety for input OVP. Motors with larger
armature inductors require larger input capacitors.
Setting the Frequency
For most applications, use a 100pF capacitor for
the CP capacitor to set the frequency to 30kHz.
fCOSC is determined by:
6
OSC
P
f
3 10 / C (Hz)

Connecting the Motor
Figure 3 shows that the OUT1 and OUT2
connectors connect to the motor armature. When
VIN+ exceeds VIN-, SW1 and SW4 activate and
current flows from OUT1 to OUT2. When VIN-
exceeds VIN+, SW2 and SW3 activate and current
flows from OUT2 to OUT1. The opposing current
directions generate opposing polarities in the
armature
winding.
For
most
applications,
carefully connect OUT1 and OUT2 to the motor
terminators according to the Hall sensor setting
position.
Incorrect
connections
will
cause
abnormal motor function.
M
B rus hles s DC
Motor
SW1
SW2
SW4
SW3
V c c
OUT 1
OUT2
Figure 3: Power Stage
DESIGN EXAMPLE
Below is an example design that follows the
application guidelines for the given specifications:
VIN
4.5V to 16V
IOUT(Max)
1.2A
fCOSC
30kHz
Figure 4 shows a detailed application schematic.
For more applications, please refer to the related
Evaluation Board Data Sheets.
P-GND
OUT2
VCC
RMI
VTH
COSC
FG
RD
OUT1
CT
VREF
IN-
HB
IN+
VIN
Hall
Motor
P-GND
S-GND
CIN
10uF
D1
B130LAW-7-F
CP=100pF
MP6510
GND
R7
0O
R5 10kO
VIN
D2
B130LAW-7-F
R8
1kO
VTH
R6 10kO
CT=1µF
Figure 4: Detailed Application Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com