Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6510DM-LF Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP6510DM-LF
Description  4.5V-to-16V,1.2A, Single-Phase Brushless DC Motor Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6510DM-LF Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP6510DM-LF Datasheet HTML 3Page - Monolithic Power Systems MP6510DM-LF Datasheet HTML 4Page - Monolithic Power Systems MP6510DM-LF Datasheet HTML 5Page - Monolithic Power Systems MP6510DM-LF Datasheet HTML 6Page - Monolithic Power Systems MP6510DM-LF Datasheet HTML 7Page - Monolithic Power Systems MP6510DM-LF Datasheet HTML 8Page - Monolithic Power Systems MP6510DM-LF Datasheet HTML 9Page - Monolithic Power Systems MP6510DM-LF Datasheet HTML 10Page - Monolithic Power Systems MP6510DM-LF Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
MP6510
—4.5V-TO-16V, 1.2A, SINGLE-PHASE, BRUSHLESS DC MOTOR DRIVER
NOTICE: The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
MP6510 Rev.1.02
www.MonolithicPower.com
11
1/16/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
PACKAGE INFORMATION
TSSOP16
NOTE:
1) ALL DIMENSIONS ARE IN MILLIMETERS
.
2) PACKAGE LENGTH DOES NOT INCLUDE MOLD FLASH
,
PROTRUSION OR GATE BURR.
3) PACKAGE WIDTH DOES NOT INCLUDE INTERLEAD FLASH
OR PROTRUSION.
4) LEAD COPLANARITY(BOTTOM OF LEADS AFTER FORMING)
SHALL BE 0.10 MILLIMETERS MAX.
5) DRAWING CONFORMS TO JEDEC MO-153, VARIATION AB.
6) DRAWING IS NOT TO SCALE.
0.19
0.30
4.90
5.10
SEATING PLANE
0.65 BSC
PIN 1 ID
4.30
4.50
6.20
6.60
1
8
9
16
0.80
1.05
1.20 MAX
0.05
0.15
TOP VIEW
FRONT VIEW
SIDE VIEW
0.09
0.20
RECOMMENDED LAND PATTERN
5.80
TYP
1.60
TYP
0.40
TYP
0.65
BSC
SEE DETAIL "A"
DETAIL “A”
0.45
0.75
0
o -8o
0.25 BSC
GAUGE PLANE



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com