Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6513 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP6513
Description  2.5V - 21V, 0.8A, H-Bridge Motor Driver in a TSOT23-6
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6513 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP6513 Datasheet HTML 1Page - Monolithic Power Systems MP6513 Datasheet HTML 2Page - Monolithic Power Systems MP6513 Datasheet HTML 3Page - Monolithic Power Systems MP6513 Datasheet HTML 4Page - Monolithic Power Systems MP6513 Datasheet HTML 5Page - Monolithic Power Systems MP6513 Datasheet HTML 6Page - Monolithic Power Systems MP6513 Datasheet HTML 7Page - Monolithic Power Systems MP6513 Datasheet HTML 8Page - Monolithic Power Systems MP6513 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MP6513 – 2.5V - 21V, 0.8A, H-BRIDGE MOTOR DRIVER IN A TSOT23-6
MP6513 Rev. 1.0
www.MonolithicPower.com
4
3/23/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VCC = 5V, TJ = -40°C to 125°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Operating supply current
0.82
1.2
mA
Sleep mode supply current
IQ
IN1 = 0V, IN2 = 0V
12
20
μA
Under-voltage lockout threshold rising
2.2
2.45
V
Under-voltage lockout threshold hysteresis
150
mV
Input high voltage
VIH
2
V
Input low voltage
VIL
0.8
V
Input high current
IIH
VIN = 3.3V
50
μA
Input low current
IIL
VIN = 0V
-5
5
μA
Input pull-down resistance
RPD
100
kΩ
HS switch on resistance
RDS(ON)
IO = 100mA,
TA = 25°C
0.5
0.6
Ω
LS switch on resistance
RDS(ON)
IO = 100mA,
TA = 25°C
0.5
0.6
Ω
Current limit
IOCP
1
2
A
OCP retry time
TOCR
0.85
ms
Sleep entry time
IN1 = 0V, IN2 = 0V
for 2ms
2
5
ms
Sleep recovery time
IN1 or IN2 or both =
high level
6.5
µs
Output enable time
T1
(6)
200
ns
Output disable time
T2
(6)
260
ns
Delay time
T3
(6)
INx high to OUTx
high
270
ns
T4
(6)
INx low to OUTx low
350
ns
Output rise time
30
220
ns
Output fall time
30
170
ns
Dead time
100
ns
Thermal shutdown threshold
(5)
TTSD
160
°C
Thermal shutdown hysteresis
(5)
25
°C
NOTES:
5) Guaranteed by design.
6) See Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com