Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6513 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP6513
Description  2.5V - 21V, 0.8A, H-Bridge Motor Driver in a TSOT23-6
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6513 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP6513 Datasheet HTML 3Page - Monolithic Power Systems MP6513 Datasheet HTML 4Page - Monolithic Power Systems MP6513 Datasheet HTML 5Page - Monolithic Power Systems MP6513 Datasheet HTML 6Page - Monolithic Power Systems MP6513 Datasheet HTML 7Page - Monolithic Power Systems MP6513 Datasheet HTML 8Page - Monolithic Power Systems MP6513 Datasheet HTML 9Page - Monolithic Power Systems MP6513 Datasheet HTML 10Page - Monolithic Power Systems MP6513 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MP6513 – 2.5V - 21V, 0.8A, H-BRIDGE MOTOR DRIVER IN A TSOT23-6
MP6513 Rev. 1.0
www.MonolithicPower.com
10
3/23/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OPERATION
The MP6513 is an H-bridge motor driver used
for driving reversible motors, which can drive
one DC motor, one winding of a stepper motor,
or other loads. The H-bridge consists of four N-
channel power MOSFETs. An internal charge
pump generates the necessary gate-drive
voltages.
Input Logic
The MP6513 is controlled by two input pins.
The two on/off inputs control the output mode:
forward, reverse, coast, or brake. Table 1
shows the logic for the MP6513.
Table 1: Input Logic Truth Table
IN1
IN2
OUT1
OUT2
Function
(DC Motor)
L
L
Z
Z
Coast
L
H
L
H
Reverse
H
L
H
L
Forward
H
H
L
L
Brake
Sleep Mode
If the input pins (IN1 and IN2) both remain at a
low level within a certain time, the part enters a
low-power sleep mode. In this state, all
unnecessary internal circuitries are powered
down.
Over-Current Protection (OCP)
The MP6513 has internal overload and short-
circuit protection. The currents in both the high-
side and low-side MOSFETs are measured. If
the current exceeds the current limit, all
MOSFETs in the H-bridge are turned off. The
bridge is re-enabled after approximately 1ms
automatically.
Thermal Shutdown (TSD)
Thermal monitoring is integrated into the
MP6513. If the die temperature rises above
160°C, all switches are turned off. Once the die
temperature has fallen back to a safe level,
operation resumes automatically.
Under-Voltage Lockout (UVLO)
If at any time the voltage on VCC falls below
the under-voltage lockout threshold voltage, all
circuitries in the device are disabled, and the
internal logic is reset. Operation resumes when
VCC rises above the UVLO threshold.
Power
Dissipation
and
Recommended
Junction Temperature
The
recommended
maximum
junction
temperature is 125°C under normal operating
conditions.
To
ensure
that
the
junction
temperature is within this limit, calculate the
maximum allowable dissipation (PD(MAX)) with
Equation (1):
PD(MAX) = (TJ(max) - TA) / θJA
(1)
Where TJ(max) is the maximum recommended
operation junction temperature (125°C), θJA is
the junction-to-ambient thermal resistance, and
TA is the ambient temperature (see Table 2).
Table 2: Dissipation Ratings
Package
θJA
(°C/W)
Dissipation Power Rating
TA = 25°C TA = 50°C TA = 85°C
TSOT23-6 110
0.9W
0.65W
0.35W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com