Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6513 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6513
Description  2.5V - 21V, 0.8A, H-Bridge Motor Driver in a TSOT23-6
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6513 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6513 Datasheet HTML 1Page - Monolithic Power Systems MP6513 Datasheet HTML 2Page - Monolithic Power Systems MP6513 Datasheet HTML 3Page - Monolithic Power Systems MP6513 Datasheet HTML 4Page - Monolithic Power Systems MP6513 Datasheet HTML 5Page - Monolithic Power Systems MP6513 Datasheet HTML 6Page - Monolithic Power Systems MP6513 Datasheet HTML 7Page - Monolithic Power Systems MP6513 Datasheet HTML 8Page - Monolithic Power Systems MP6513 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MP6513
2.5V - 21V, 0.8A, H-Bridge
Motor Driver in a TSOT23-6
MP6513 Rev. 1.0
www.MonolithicPower.com
1
3/23/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP6513 is an H-bridge motor driver used
for driving reversible motors, which can drive
one DC motor, one winding of a stepper motor,
or other loads. The H-bridge consists of four N-
channel power MOSFETs. An internal charge
pump generates the necessary gate-drive
voltages.
The MP6513 operates on a motor power supply
voltage from 2.5V to 21V, which can supply an
output current of up to 0.8A according to the
logic control.
The MP6513 is controlled by two input pins.
The two on/off inputs determine the output
mode: forward, reverse, coast, or brake. Very
low standby circuit current can be achieved
when inputs 1 and 2 are both at a low level.
Full protection features include over-current
protection (OCP), short-circuit protection (SCP),
under-voltage lockout (UVLO), and over-
temperature protection (OTP).
The MP6513 requires a minimum number of
readily
available,
standard,
external
components and is available in a TSOT23-6
package.
FEATURES
 Wide 2.5V to 21V Operating Input Range
 0.8A Maximum Output Current
 Low MOSFET On Resistance (HS: 500mΩ;
LS: 500mΩ)
 Forward, Reverse, Coast, or Brake Output
Modes
 Low Standby Circuit Current when Inputs 1
and 2 are Both Low
 Thermal Shutdown
 Internal Charge Pump
 Cycle-by-Cycle Over-Current Protection
(OCP)
 Short-Circuit Protection (SCP)
 Available in a TSOT23-6 Package
APPLICATIONS
 Cameras
 Toys
 Consumer Products
 Medical Devices
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive.
For MPS green status, please visit the MPS website under Quality
Assurance. ”MPS” and “The Future of Analog IC Technology” are registered
trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP6513

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6513L MPS-MP6513L Datasheet
527Kb / 11P
2.5V - 5.5V, 0.6A, H-Bridge Motor Driver in a TSOT23-6
MP6513LGJ MPS-MP6513LGJ Datasheet
527Kb / 11P
2.5V - 5.5V, 0.6A, H-Bridge Motor Driver in a TSOT23-6
More results

Similar Description - MP6513

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6026 ATMEL-ATA6026 Datasheet
609Kb / 34P
H-bridge Motor Driver
ATA6823 ATMEL-ATA6823 Datasheet
538Kb / 28P
H-bridge Motor Driver
ATA6823 ATMEL-ATA6823_09 Datasheet
626Kb / 28P
H-bridge Motor Driver
logo
Monolithic Power System...
MP28367 MPS-MP28367 Datasheet
367Kb / 9P
1A, 21V, 1.4MHz Step-Down Converter in a TSOT23-6
logo
ATMEL Corporation
ATA6823C ATMEL-ATA6823C_14 Datasheet
812Kb / 26P
H-bridge Motor Driver
logo
Texas Instruments
DRV8881 TI-DRV8881_15 Datasheet
1Mb / 45P
DRV8881 2.5-A Dual H-Bridge Motor Driver
DRV8881 TI1-DRV8881 Datasheet
1Mb / 45P
2.5-A Dual H-Bridge Motor Driver
logo
Vishay Siliconix
SIP2100 VISHAY-SIP2100 Datasheet
172Kb / 7P
5 V, 1 A H-Bridge Motor Driver
10-Dec-12
logo
Monolithic Power System...
MP6513L MPS-MP6513L Datasheet
527Kb / 11P
2.5V - 5.5V, 0.6A, H-Bridge Motor Driver in a TSOT23-6
logo
Texas Instruments
DRV8873 TI1-DRV8873 Datasheet
1Mb / 57P
H-Bridge Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com