Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8225MEVAL2Z Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL8225MEVAL2Z
Description  Dual 15A/Single 30A Step-Down Power Module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8225MEVAL2Z Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL8225MEVAL2Z Datasheet HTML 9Page - Renesas Technology Corp ISL8225MEVAL2Z Datasheet HTML 10Page - Renesas Technology Corp ISL8225MEVAL2Z Datasheet HTML 11Page - Renesas Technology Corp ISL8225MEVAL2Z Datasheet HTML 12Page - Renesas Technology Corp ISL8225MEVAL2Z Datasheet HTML 13Page - Renesas Technology Corp ISL8225MEVAL2Z Datasheet HTML 14Page - Renesas Technology Corp ISL8225MEVAL2Z Datasheet HTML 15Page - Renesas Technology Corp ISL8225MEVAL2Z Datasheet HTML 16Page - Renesas Technology Corp ISL8225MEVAL2Z Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
ISL8225M
FN7822 Rev 2.00
Page 13 of 34
December 8, 2014
Typical Application Circuits
FIGURE 18. DUAL OUTPUTS FOR 1.2V/15A AND 1.5V/15A
FIGURE 19. PARALLEL USE FOR SINGLE 1.5V/30A OUTPUT WITH 180° INTERLEAVING
1.2V AT 15A
1.5V AT 15A
4.5V TO 20V
VOUT2
VOUT1
VIN
R1*
1kΩ
R4*
665Ω
R5*
R2*
1kΩ
C1
COUT1
R6*
COUT3
R3*
1kΩ
CIN2
ISL8225M
VIN1
SYNC
CLKOUT
VCC
ISHARE
VSEN1+
VSEN1-
EN/FF1
EN/FF2
VSEN2-
VSEN2+
VOUT1
VOUT2
PHASE1
PHASE2
MODE
VMON2
COMP1
PGOOD
COMP2
VMON1
VIN2
1
14
8
15
16
7
17
3
19
5
20
2
23
22
21
25
26
18
4
12
10
24
69
*SEE Table 4 on page 22, RESISTORS SET
ON VSEN+ AND VSEN- PINS.
4x22µF
COUT2
330µF
2x47µF
2x47µF
COUT4
330µF
4.7µF
SEE “LAYOUT GUIDE” ON PAGE 27 FOR SHORTING SGND TO PGND
CFF
(OPTIONAL)
CFF
(OPTIONAL)
CIN1
330µF
+
+
+
*SEE Table 1 on page 19 FOR R5/R6
VALUES.
1.5V AT 30A
4.5V TO 20V
VCC
VOUT
VIN
COUT
CIN2
R2
4.7µF
ISL8225M
VIN1
SYNC
CLKOUT
VCC
ISHARE
VSEN1+
VSEN1-
EN/FF1
EN/FF2
VSEN2-
VSEN2+
VOUT1
VOUT2
PHASE1
PHASE2
MODE
VMON2
COMP1
PGOOD
COMP2
VMON1
VIN2
R4*
R3*
R1
1kΩ
1
14
8
15
16
7
17
3
19
5
20
2
23
22
21
25
26
18
4
12
10
24
69
4x22µF
5x100µF
470pF
2Ω
SIZE:1210
2Ω
2200pF
2200pF
OPTIONAL SNUBBER FOR NOISE
ATTENUATION. SEE Figure 34 on page 28.
SEE “LAYOUT GUIDE” ON PAGE 27 FOR SHORTING SGND TO PGND
665Ω
LOAD
KELVIN REMOTE SENSING LINES
C1
C2
SIZE:1210
CIN1
330µF
+
*SEE Table 1 on page 19 FOR R3/R4
VALUES.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com