Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8225MEVAL2Z Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ISL8225MEVAL2Z
Description  Dual 15A/Single 30A Step-Down Power Module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8225MEVAL2Z Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ISL8225MEVAL2Z Datasheet HTML 16Page - Renesas Technology Corp ISL8225MEVAL2Z Datasheet HTML 17Page - Renesas Technology Corp ISL8225MEVAL2Z Datasheet HTML 18Page - Renesas Technology Corp ISL8225MEVAL2Z Datasheet HTML 19Page - Renesas Technology Corp ISL8225MEVAL2Z Datasheet HTML 20Page - Renesas Technology Corp ISL8225MEVAL2Z Datasheet HTML 21Page - Renesas Technology Corp ISL8225MEVAL2Z Datasheet HTML 22Page - Renesas Technology Corp ISL8225MEVAL2Z Datasheet HTML 23Page - Renesas Technology Corp ISL8225MEVAL2Z Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
ISL8225M
FN7822 Rev 2.00
Page 20 of 34
December 8, 2014
38
12
7.5
86.6
1x330
4x22
6x47
None
3.3
16.5/4.12
750
147
7
39
20
7.5
86.6
1x330
4x22
2x47
1x330
None
16.5/4.12
750
147
7
40
20
7.5
86.6
1x330
4x22
6x47
None
3.3
16.5/4.12
750
147
7
NOTES:
10. CIN bulk capacitor is optional only for decoupling noise due to the long input cable. CIN2 and COUT1 ceramic capacitors are listed for one phase only.
Please double the capacitor quantity for dual-phase operations.
11. EN/FF resistor divider is tied directly to VIN. The resistors listed here are for two channels' EN/FF pins tied together. If the separate resistor divider is
used for each channel, the resistor value needs to be doubled.
12. MAX load current listed in the table is for conditions at +25°C and no air flow on a typical Intersil 4-layer evaluation board.
TABLE 1. ISL8225M DESIGN GUIDE MATRIX (REFER TO Figure 18) (Continued)
CASE
VIN
(V)
VOUT
(V)
R2 or R4
(Ω)
CIN1
(BULK)
µF
(Note 10)
CIN2
(CERAMIC)
(µF)
COUT1
(CERAMIC)
(µF)
COUT2
(BULK)
(µF)
CFF
(nF)
EN/FF (kΩ)
R5/R6
(Note 11)
FREQ.
(kHz)
RSYNC
(kΩ)
LOAD
(A)
(Note 12)
TABLE 2. RECOMMENDED I/O CAPACITOR IN Table 1
VENDOR
VALUE
PART NUMBER
TDK, Input and Output Ceramic
100µF, 6.3V, 1210
C3225X5R0J107M
Murata, Input and Output Ceramic
100µF, 6.3V, 1210
GRM32ER60J107M
AVX, Input and Output Ceramic
100µF, 6.3V, 1210
12106D107MAT2A
Murata, Input Ceramic
22µF, 25V, 1210
GRM32ER61E226KE15L
Taiyo Yuden, Input Ceramic
22µF, 25V, 1210
TMK325BJ226MM-T
AVX, Input Ceramic
22µF, 25V, 1210
12103D226KAT2A
Panasonic POSCAP, Output Bulk
330µF, 10V
10TPB330M
Panasonic SMT, Input Bulk
330µF, 25V
EEVHA1E331UP
Murata, Input and Output Ceramic
47µF, 10V, 1210
GRM32ER71A476KE15L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com