Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8225MEVAL2Z Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL8225MEVAL2Z
Description  Dual 15A/Single 30A Step-Down Power Module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8225MEVAL2Z Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL8225MEVAL2Z Datasheet HTML 17Page - Renesas Technology Corp ISL8225MEVAL2Z Datasheet HTML 18Page - Renesas Technology Corp ISL8225MEVAL2Z Datasheet HTML 19Page - Renesas Technology Corp ISL8225MEVAL2Z Datasheet HTML 20Page - Renesas Technology Corp ISL8225MEVAL2Z Datasheet HTML 21Page - Renesas Technology Corp ISL8225MEVAL2Z Datasheet HTML 22Page - Renesas Technology Corp ISL8225MEVAL2Z Datasheet HTML 23Page - Renesas Technology Corp ISL8225MEVAL2Z Datasheet HTML 24Page - Renesas Technology Corp ISL8225MEVAL2Z Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
ISL8225M
FN7822 Rev 2.00
Page 21 of 34
December 8, 2014
TABLE 3. ISL8225M OPERATION MODES
1ST MODULE (I = INPUT; O = OUTPUT; I/O = INPUT AND OUTPUT, BI-DIRECTION)
MODES OF OPERATION
OUTPUT (SEE
DESCRIPTION
FOR DETAILS)
OPERATION
MODE
OF 2ND
MODULE
OPERATION
MODE
OF 3RD
MODULE
MODE
EN1/FF1
(I)
EN2/FF
2 (I)
VSEN2-
(I)
MODE
(I)
VSEN2+
(I)
CLKOUT/RE
FIN WRT 1ST
(I OR O)
VMON2
(Note 14)
VMON1
OF 2ND
MODULE
(Note 14)
2ND CHANNEL
WRT 1ST (O)
(Note 13)
10
0
-
-
-
-
-
-
-
-
-
Disabled
2A
0
1
Active
Active Active
-
Active
-
VMON1 =
VMON2 to Keep
PGOOD Valid
--
Single Phase
2B
1
0
-
-
-
-
-
-
VMON1 =
VMON2 to Keep
PGOOD Valid
--
Single Phase
3A
1
1
<VCC -0.7V Active Active 29% to 45%
of VCC (I)
Active
-
0°
-
-
Dual
Regulator
3B
1
1
<VCC -0.7V Active Active 45% to 62%
of VCC (I)
Active
-
90°
-
-
Dual
Regulator
3C
1
1
<VCC -0.7V Active Active >62% of VCC
(I)
Active
-
180°
-
-
Dual
Regulator
41
1
<VCC -0.7V Active Active <29% of VCC
(I)
Active
-
-60°
-
-
DDR Mode
5A
11VCC
GND
-
60°
VMON1 or
Divider
-
180°
-
-
2-Phase
5B
11VCC
GND
-
60°
Divider
Divider
180°
5B
5B
6-Phase
5C
11VCC
GND
-
60°
VMON1 or
Divider
Active
180°
5C
5C
3 Outputs
6
11VCC
VCC
GND
120°
953Ω//
22nF
Active
240°
2B
-
3-Phase
7A
11VCC
VCC
VCC
90°
953Ω//
22nF
Divider
180°
7A
-
4-Phase
7B
11VCC
VCC
VCC
90°
953Ω//
22nF
Active
180°
7B
-
2 Outputs
(1st module in
Mode 7A)
7C
11VCC
VCC
VCC
90°
953Ω//
22nF
Active
180°
3, 4
-
3 Outputs
(1st module in
Mode 7A)
8
Cascaded Module Operation MODEs 5B+5B+7A+5B+5B+5B/7A, No External Clock Required
12-Phase
9
External Clock or External Logic Circuits Required for Equal Phase Interval
5, 7, 8, 9, 10,
11, or (PHASE
>12)
NOTE:
13. “2ND CHANNEL WRT 1ST” means “second channel with respect to first;” in other words, Channel 2 lags Channel 1 by the degrees specified in this
column. For example, 90° means Channel 2 lags Channel 1 by 90°; -60° means Channel 2 leads Channel 1 by 60°.
14. “VMON1” means that the pin is tied to the VMON1 pin of the same module.
“Divider” means that there is a resistor divider from VOUT to SGND; refer to Figure 26.“
953Ω//22nF” means that there are 953Ω resistor and 22nF connecting the pin to SGND; refer to Figure 24.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com