Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH2L06 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH2L06
Description  HIGH EFFICIENCY ULTRAFAST DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH2L06 Datasheet(HTML) 2 Page - STMicroelectronics

  STTH2L06 Datasheet HTML 1Page - STMicroelectronics STTH2L06 Datasheet HTML 2Page - STMicroelectronics STTH2L06 Datasheet HTML 3Page - STMicroelectronics STTH2L06 Datasheet HTML 4Page - STMicroelectronics STTH2L06 Datasheet HTML 5Page - STMicroelectronics STTH2L06 Datasheet HTML 6Page - STMicroelectronics STTH2L06 Datasheet HTML 7Page - STMicroelectronics STTH2L06 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STTH2L06
2/8
Table 4: Thermal Resistance
Table 5: Static Electrical Characteristics
Pulse test:
* tp = 5 ms,
δ < 2%
** tp = 380 µs,
δ < 2%
To evaluate the conduction losses use the following equation: P = 0.89 x IF(AV) + 0.08 IF
2
(RMS)
Table 6: Dynamic Characteristics
Symbol
Parameter
Value (max).
Unit
Rth(j-l)
Junction to lead
DO-41
L = 5 mm
35
°C/W
SMA
30
SMB
25
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
IR *
Reverse leakage current Tj = 25°C
VR = VRRM
2µA
Tj = 150°C
12
85
VF **
Forward voltage drop
Tj = 25°C
IF = 2A
1.3
V
Tj = 150°C
0.85
1.05
Symbol
Parameter
Test conditions
Min.
Typ Max.
Unit
trr
Reverse recovery
time
Tj = 25°C IF = 1A dIF/dt = 50 A/µs VR =30V
60
85
ns
tfr
Forward recovery
time
Tj = 25°C
IF = 2A
dIF/dt = 100 A/µs
VFR = 1.1 x VFmax
100
ns
VFP
Forward recovery
voltage
9V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com