Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH2L06 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH2L06
Description  HIGH EFFICIENCY ULTRAFAST DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH2L06 Datasheet(HTML) 4 Page - STMicroelectronics

  STTH2L06 Datasheet HTML 1Page - STMicroelectronics STTH2L06 Datasheet HTML 2Page - STMicroelectronics STTH2L06 Datasheet HTML 3Page - STMicroelectronics STTH2L06 Datasheet HTML 4Page - STMicroelectronics STTH2L06 Datasheet HTML 5Page - STMicroelectronics STTH2L06 Datasheet HTML 6Page - STMicroelectronics STTH2L06 Datasheet HTML 7Page - STMicroelectronics STTH2L06 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
STTH2L06
4/8
Figure 7: Reverse recovery time versus dIF/dt
(typical values)
Figure 8: Reverse recovery charges versus
dIF/dt (typical values)
Figure 9: Relative variations of dynamic
parameters versus junction temperature
Figure 10: Transient peak forward voltage
versus dIF/dt (typical values)
Figure 11: Forward recovery time versus dIF/dt
(typical values)
Figure
12:
Junction
capacitance
versus
reverse voltage applied (typical values)
0
50
100
150
200
250
300
350
400
450
500
0
50
100
150
200
250
300
350
400
450
500
t (ns)
rr
dI /dt(A/µs)
F
I =2 x I
FF(AV)
I=I
FF(AV)
I =0.5 x I
FF(AV)
V =400V
T =125°C
R
j
0
100
200
300
400
500
600
700
800
0
100
200
300
400
500
Q (nC)
rr
I =2 x I
FF(AV)
I=I
FF(AV)
I =0.5 x I
FF(AV)
V =400V
T =125°C
R
j
dI /dt(A/µs)
F
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
25
50
75
100
125
IRM
QRR
trr
T (°C)
j
I=I
Reference: T =125°C
FF(AV)
j
V =400V
R
0
5
10
15
20
25
0
50
100
150
200
250
V
(V)
FP
dI /dt(A/µs)
F
I=I
T =125°C
FF(AV)
j
0
50
100
150
200
250
300
350
400
0
50
100
150
200
250
t (ns)
fr
dI /dt(A/µs)
F
I=I
T =125°C
FF(AV)
j
V
=1.1 x V max.
FR
F
1
10
100
1
10
100
1000
C(pF)
V (V)
R
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com