Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH2L06 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH2L06
Description  HIGH EFFICIENCY ULTRAFAST DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH2L06 Datasheet(HTML) 3 Page - STMicroelectronics

  STTH2L06 Datasheet HTML 1Page - STMicroelectronics STTH2L06 Datasheet HTML 2Page - STMicroelectronics STTH2L06 Datasheet HTML 3Page - STMicroelectronics STTH2L06 Datasheet HTML 4Page - STMicroelectronics STTH2L06 Datasheet HTML 5Page - STMicroelectronics STTH2L06 Datasheet HTML 6Page - STMicroelectronics STTH2L06 Datasheet HTML 7Page - STMicroelectronics STTH2L06 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STTH2L06
3/8
Figure 1: Conduction losses versus average
forward current
Figure 2: Forward voltage drop versus forward
current
Figure
3:
Relative
variation
of
thermal
impedance junction to case versus pulse
duration (SMA - SCU = 1cm
2)
Figure
4:
Relative
variation
of
thermal
impedance junction to case versus pulse
duration (SMB - SCU = 1cm
2)
Figure
5:
Relative
variation
of
thermal
impedance junction to case versus pulse
duration (DO-41)
Figure 6: Peak reverse recovery current versus
dIF/dt (typical values)
0.0
0.5
1.0
1.5
2.0
2.5
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
P(W)
I(A)
F(AV)
T
δ=tp/T
tp
δ = 0.05
δ = 0.1
δ = 0.2
δ = 1
δ = 0.5
0
1
2
3
4
5
6
7
8
9
10
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0
I
(A)
FM
V
(V)
FM
T =150°C
(typical values)
j
T =25°C
(maximum values)
j
T =150°C
(maximum values)
j
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Z/R
th(j-a)
th(j-a)
t (s)
p
Single pulse
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Z/R
th(j-a)
th(j-a)
t (s)
p
Single pulse
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Z/R
th(j-a)
th(j-a)
t (s)
p
Single pulse
0.0
2.5
5.0
7.5
10.0
12.5
15.0
0
50
100
150
200
250
300
350
400
450
500
I
(A)
RM
dI /dt(A/µs)
F
I =2 x I
FF(AV)
I=I
FF(AV)
I =0.5 x I
FF(AV)
V =400V
T =125°C
R
j



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com