Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCW-CRDP.PC Datasheet(PDF) 12 Page - OSRAM GmbH

Part # LCW-CRDP.PC
Description  SMT ceramic package with silicone resin and silicone lens
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW-CRDP.PC Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button LCW-CRDP.PC Datasheet HTML 8Page - OSRAM GmbH LCW-CRDP.PC Datasheet HTML 9Page - OSRAM GmbH LCW-CRDP.PC Datasheet HTML 10Page - OSRAM GmbH LCW-CRDP.PC Datasheet HTML 11Page - OSRAM GmbH LCW-CRDP.PC Datasheet HTML 12Page - OSRAM GmbH LCW-CRDP.PC Datasheet HTML 13Page - OSRAM GmbH LCW-CRDP.PC Datasheet HTML 14Page - OSRAM GmbH LCW-CRDP.PC Datasheet HTML 15Page - OSRAM GmbH LCW-CRDP.PC Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
2014-01-10
12
Version 2.0
LCW CRDP.PC
Relative Spectral Emission - V( ) = Standard eye response curve 6) page 27
Relative spektrale Emission - V( ) = spektrale Augenempfindlichkeit 6) Seite 27
rel = f ( ); TS = 25 °C; IF = 350 mA
Radiation Characteristics 6) page 27
Abstrahlcharakteristik 6) Seite 27
Irel = f ( ); TS = 25 °C
OHL06149
350
400
450
500
550
600
650
700
750
800
λ (nm)
0.0
0.2
0.4
0.6
0.8
1.0
Irel
: white
: V λ
OHL06001
-100°
-90°
-80°
-70°
-60°
-50°
-40°
-30°
-20°
-10°
0°
10° 20° 30° 40° 50° 60° 70° 80° 90°
0.0
0.2
0.4
0.6
0.8
1.0
Irel
:
Irel
ϕ= 0°, 90°
at
Θ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com