Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCW-CRDP.PC Datasheet(PDF) 13 Page - OSRAM GmbH

Part # LCW-CRDP.PC
Description  SMT ceramic package with silicone resin and silicone lens
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW-CRDP.PC Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button LCW-CRDP.PC Datasheet HTML 9Page - OSRAM GmbH LCW-CRDP.PC Datasheet HTML 10Page - OSRAM GmbH LCW-CRDP.PC Datasheet HTML 11Page - OSRAM GmbH LCW-CRDP.PC Datasheet HTML 12Page - OSRAM GmbH LCW-CRDP.PC Datasheet HTML 13Page - OSRAM GmbH LCW-CRDP.PC Datasheet HTML 14Page - OSRAM GmbH LCW-CRDP.PC Datasheet HTML 15Page - OSRAM GmbH LCW-CRDP.PC Datasheet HTML 16Page - OSRAM GmbH LCW-CRDP.PC Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
Version 2.0
LCW CRDP.PC
2014-01-10
13
Forward Current 6) page 27
Durchlassstrom 6) Seite27
IF = f (VF); TS = 25 °C
Relative Luminous Flux 6) page 27 , 8) page 28
Relativer Lichtstrom 6) Seite27 , 8) Seite 28
V/ V(350 mA) = f(IF); TS = 25 °C
Chromaticity Coordinate Shift 6) page 27
Farbortverschiebung 6) Seite 27
Cx, Cy = f(IF); TS = 25 °C
LCW CRxP.PC
2.4
2.6
2.8
3.0
3.2
VF [V]
100
200
300
400
500
600
700
800
IF [mA]
LCW CRxP.PC
100
20
0
300
400
50
0
600
700
80
0
IF [mA]
0.0
0.5
1.0
1.5
2.0
ΦV
ΦV(350mA)
LCW CRxP.PC
100
20
0
300
400
50
0
600
700
80
0
IF [mA]
0.340
0.345
0.350
0.355
0.360
0.365
Cx
Cy
: Cx
: Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com