Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCW-G6CP Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LCW-G6CP
Description  white SMT package, colorless clear silicone resin
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW-G6CP Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LCW-G6CP Datasheet HTML 2Page - OSRAM GmbH LCW-G6CP Datasheet HTML 3Page - OSRAM GmbH LCW-G6CP Datasheet HTML 4Page - OSRAM GmbH LCW-G6CP Datasheet HTML 5Page - OSRAM GmbH LCW-G6CP Datasheet HTML 6Page - OSRAM GmbH LCW-G6CP Datasheet HTML 7Page - OSRAM GmbH LCW-G6CP Datasheet HTML 8Page - OSRAM GmbH LCW-G6CP Datasheet HTML 9Page - OSRAM GmbH LCW-G6CP Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
2015-04-30
6
Version 1.2
LCW G6CP
Color Chromaticity Groups 2) page 27
Farbortgruppen 2) Seite 27
Color Temperature 2700K 2) page 27
Farbtemperatur 2700K 2) Seite 27
Chromaticity Coordinate Groups 2) page 27
Farbortgruppen 2) Seite 27
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
4U
0.4326
0.3801
4W
0.4432
0.3826
0.4373
0.3893
0.4483
0.3918
0.4379
0.3813
0.4485
0.3838
0.4428
0.3906
0.4538
0.3931
5U
0.4373
0.3893
5W
0.4483
0.3918
0.4420
0.3985
0.4534
0.4011
0.4428
0.3906
0.4538
0.3931
0.4477
0.3998
0.4591
0.4024
6U
0.4420
0.3985
6W
0.4534
0.4011
0.4467
0.4076
0.4585
0.4104
0.4477
0.3998
0.4591
0.4024
0.4526
0.4090
0.4644
0.4118
OHA03621
520
530
540
550
560
570
580
590
600
610
620
630
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
510
500
490
450
Cx
Cy
Cy
Cx
E
0.26
480
460
470
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.46
0.48
0.50
0.52
0.54
0.24
J
K
L
M
N
O
P
Q
R
U V
T
S
W X
4
5
7
6
8
4
5
6
7
8
9
4500 K
4000 K
3500 K
3000 K
2700 K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com