Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCW-G6CP Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LCW-G6CP
Description  white SMT package, colorless clear silicone resin
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW-G6CP Datasheet(HTML) 4 Page - OSRAM GmbH

  LCW-G6CP Datasheet HTML 1Page - OSRAM GmbH LCW-G6CP Datasheet HTML 2Page - OSRAM GmbH LCW-G6CP Datasheet HTML 3Page - OSRAM GmbH LCW-G6CP Datasheet HTML 4Page - OSRAM GmbH LCW-G6CP Datasheet HTML 5Page - OSRAM GmbH LCW-G6CP Datasheet HTML 6Page - OSRAM GmbH LCW-G6CP Datasheet HTML 7Page - OSRAM GmbH LCW-G6CP Datasheet HTML 8Page - OSRAM GmbH LCW-G6CP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
2015-04-30
4
Version 1.2
LCW G6CP
Characteristics (T
S = 25 °C; IF = 140 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Chromaticity coordinates acc. to CIE 1931 2) page 27
Farbkoordinaten nach CIE 1931 2) Seite 27
(typ.)
(typ.)
Cx
Cy
0.42
0.4
-
-
Viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
V
(typ.)
2ϕ
120
°
Forward voltage 3) page 27
Durchlassspannung 3) Seite 27
(min.)
(typ.)
(max.)
V
F
V
F
V
F
2.90
3.30
4.10
V
V
V
Reverse current
Sperrstrom
I
R
not designed for
reverse operation
Real thermal resistance junction / solder point
4) page 27
Realer Wärmewiderstand Sperrschicht / Lötpad
4) Seite 27
(typ.)
(max.)
R
th JS real
R
th JS real
35
40
K/W
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com