Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCW-G6CP Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LCW-G6CP
Description  white SMT package, colorless clear silicone resin
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW-G6CP Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LCW-G6CP Datasheet HTML 7Page - OSRAM GmbH LCW-G6CP Datasheet HTML 8Page - OSRAM GmbH LCW-G6CP Datasheet HTML 9Page - OSRAM GmbH LCW-G6CP Datasheet HTML 10Page - OSRAM GmbH LCW-G6CP Datasheet HTML 11Page - OSRAM GmbH LCW-G6CP Datasheet HTML 12Page - OSRAM GmbH LCW-G6CP Datasheet HTML 13Page - OSRAM GmbH LCW-G6CP Datasheet HTML 14Page - OSRAM GmbH LCW-G6CP Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Version 1.2
LCW G6CP
2015-04-30
11
Color Temperature 4500K 2) page 27
Farbtemperatur 4500K 2) Seite 27
6L
0.3692
0.3677
4N
0.3791
0.3564
0.3714
0.3775
0.3822
0.3670
0.3773
0.3726
0.3862
0.3607
0.3799
0.3828
0.3898
0.3716
7L
0.3714
0.3775
5N
0.3822
0.3670
0.3736
0.3874
0.3853
0.3776
0.3799
0.3828
0.3898
0.3716
0.3826
0.3931
0.3934
0.3825
8L
0.3736
0.3874
6N
0.3853
0.3776
0.3758
0.3973
0.3885
0.3882
0.3826
0.3931
0.3934
0.3825
0.3853
0.4033
0.3970
0.3935
4M
0.3719
0.3522
7N
0.3885
0.3882
0.3746
0.3624
0.3916
0.3987
0.3791
0.3564
0.3970
0.3935
0.3822
0.3670
0.4006
0.4044
5M
0.3746
0.3624
8N
0.3916
0.3987
0.3773
0.3726
0.3947
0.4093
0.3822
0.3670
0.4006
0.4044
0.3853
0.3776
0.4042
0.4153
6M
0.3773
0.3726
0.3799
0.3828
0.3853
0.3776
0.3885
0.3882
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
4J
0.3500
0.3375
4K
0.3574
0.3427
0.3512
0.3465
0.3591
0.3522
0.3574
0.3427
0.3648
0.3479
0.3591
0.3522
0.3670
0.3578
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com