Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCW-W5AP Datasheet(PDF) 13 Page - OSRAM GmbH

Part # LCW-W5AP
Description  dark SMD package, colorless clear silicone resin, silicone lense; chip level conversion
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW-W5AP Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button LCW-W5AP Datasheet HTML 9Page - OSRAM GmbH LCW-W5AP Datasheet HTML 10Page - OSRAM GmbH LCW-W5AP Datasheet HTML 11Page - OSRAM GmbH LCW-W5AP Datasheet HTML 12Page - OSRAM GmbH LCW-W5AP Datasheet HTML 13Page - OSRAM GmbH LCW-W5AP Datasheet HTML 14Page - OSRAM GmbH LCW-W5AP Datasheet HTML 15Page - OSRAM GmbH LCW-W5AP Datasheet HTML 16Page - OSRAM GmbH LCW-W5AP Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LCW W5AP
2010-02-15
13
Relative Vorwärtsspannung
2) Seite 22
Relative Forward Voltage
2) page 22
ΔV
F = VF - VF(25 °C) = f (Tj); IF = 1400 mA
Farbortverschiebung
2) Seite 22
Chromaticity Coordinate Shift
2) page 22
x, y =
f (T
j); IF = 1400 mA
Relative Lichtstrom
2) Seite 22
Relative Luminous Flux
2) page 22
Φ
V/ΦV(25 °C) = f (T
j); IF = 1400 mA
-0.3
T
j
OHL03676
V
F
V
Δ
-60
60
20 40
0
-20
-40
140
100 ˚C
80
-0.2
-0.1
0
0.1
0.2
0.3
OHL03677
Cy
Cx,
Δ
-0.010
-0.008
-0.006
-0.004
-0.002
0
0.002
0.004
0.008
Cy
Cx
0
V
Φ
Φ
V
T
j
60
40
20
-20
-40
0
140
100
80
˚C
-60
(25 ˚C)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com