Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCW-W5AP Datasheet(PDF) 14 Page - OSRAM GmbH

Part # LCW-W5AP
Description  dark SMD package, colorless clear silicone resin, silicone lense; chip level conversion
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW-W5AP Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button LCW-W5AP Datasheet HTML 10Page - OSRAM GmbH LCW-W5AP Datasheet HTML 11Page - OSRAM GmbH LCW-W5AP Datasheet HTML 12Page - OSRAM GmbH LCW-W5AP Datasheet HTML 13Page - OSRAM GmbH LCW-W5AP Datasheet HTML 14Page - OSRAM GmbH LCW-W5AP Datasheet HTML 15Page - OSRAM GmbH LCW-W5AP Datasheet HTML 16Page - OSRAM GmbH LCW-W5AP Datasheet HTML 17Page - OSRAM GmbH LCW-W5AP Datasheet HTML 18Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
LCW W5AP
2010-02-15
14
Maximal zulässiger Durchlassstrom
Max. Permissible Forward Current
I
F = f (T
S)
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
S = 25 °C
*The emitter die exhibits excellent performance
but slight package discoloration occurs at highest
temperatures.
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
S = 85 °C
0˚C
0
I
OHL03714
F
mA
T
S
160
500
1000
1500
2500
20 40 60 80 100 120
10
10
1.4
-2
-3
-4
-5
10
10
10
F
I
A
P
t
=
D
T
2
1
0
-1 10
tp
10 s 10
OHL03641
T
t
P
I
F
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
4.0
0.005
0.5
1
0.05
0.2
0.1
0.033
0.02
D =
0.01
Exemplarische durchschnittliche Lebens-
dauerfür mittlere Helligkeitsgruppe
2) Seite 22
Exemplary median Lifetime
2) page 22
for median Brightness Group
Bedingungen
Conditions
mittlere
Lebensdauer
median
Lifetime
Einheit
Unit
I
F = 1 A
T
S = 25°C
>50.000
Betriebsstunden
operating hours
I
F = 1.6 A
T
S = 85°C
30.000
Betriebsstunden
operating hours
I
F = 1.8 A
T
S = 125°C
T
J = 175°C
200
Betriebsstunden
operating hours
10
10
1.4
-2
-3
-4
-5
10
10
10
F
I
A
P
t
=
D
T
2
1
0
-1 10
tp
10 s 10
OHL03642
T
t
P
I
F
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
4.0
0.005
0.5
1
0.05
0.2
0.1
0.033
0.02
D =
0.01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com