Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSMCS16 Datasheet(PDF) 5 Page - Schurter Inc.

Part # MSMCS16
Description  Metal Switch Medium Stroke, Switching Voltage up to 250 VAC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MSMCS16 Datasheet(HTML) 5 Page - Schurter Inc.

  MSMCS16 Datasheet HTML 1Page - Schurter Inc. MSMCS16 Datasheet HTML 2Page - Schurter Inc. MSMCS16 Datasheet HTML 3Page - Schurter Inc. MSMCS16 Datasheet HTML 4Page - Schurter Inc. MSMCS16 Datasheet HTML 5Page - Schurter Inc. MSMCS16 Datasheet HTML 6Page - Schurter Inc. MSMCS16 Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Metal Line Switches
MSM CS 16
https://www.schurter.com /PG70
Switches
Assembly Instructions
During assembly, the protruding bars of the holder should not be pressed together.
I Housing
II Flat Pin Terminal (Illumination)
III Gasket
IV Nut (Nut type see Dimensions)
V Module Switching Contact
Installation Instruction:
1.) Place the gasket accurately on the actuator housing. Then mount the actuator housing assembly into the panel.
2.) Tighten the screw nut according to the torque instructions.
3.) Clasp the module switching contact into the micro switch holder of the actuator housing.
Installation information:
1.) The power supply and the configuration of the flat pin terminals have to be installed correctly for the illumination and micro switch function.
2.) Insulate the terminals as required. Fully insulated plug-in sleeves are recommended.
3.) Installation instructions according to VDE-standard DIN VDE 0100-100 or alternatively IEC 60354 standard.
Diagrams
MSM CS
D 3
D 4
Rv
D 2
D 1
Rv
COM
NO NC
Lettering
The last three digits in the order number define the lettering:
000
No Lettering
001-074
Standard Lettering
101-
Customized Lettering
Lettering Colour of Laser Lettering
Material
Lettering Colour
Ceramic
black
Filled letters



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com