Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSMCS16 Datasheet(PDF) 1 Page - Schurter Inc.

Part # MSMCS16
Description  Metal Switch Medium Stroke, Switching Voltage up to 250 VAC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MSMCS16 Datasheet(HTML) 1 Page - Schurter Inc.

  MSMCS16 Datasheet HTML 1Page - Schurter Inc. MSMCS16 Datasheet HTML 2Page - Schurter Inc. MSMCS16 Datasheet HTML 3Page - Schurter Inc. MSMCS16 Datasheet HTML 4Page - Schurter Inc. MSMCS16 Datasheet HTML 5Page - Schurter Inc. MSMCS16 Datasheet HTML 6Page - Schurter Inc. MSMCS16 Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Metal Line Switches
MSM CS 16
https://www.schurter.com /PG70
Switches
Metal Switch Medium Stroke, Switching Voltage up to 250 VAC
See below:
Approvals and Compliances
Description
- Switch with homogeneous surface illumination Assembly method: clip
micro-switch into the saddle, secure switch using mounting nut
- Equipped with flat-pin plugs to permit fast connection
Unique Selling Proposition
- Attractive tactile feedback
- High quality materials
- Long life span
- Scratch-resistant biocompatible ceramic actuator
Characteristics
- Housing material: high-quality stainless steel, actuator material: highly
durable ceramic
- Variety of design options regarding size, colour, illumination, connec-
tion or lettering
- Switching voltage from 30 VDC to 250 VAC, switching current from 0.1
A to 10 A
- IP-Protection: IP 67 from front side to contact area, Micro-Switch is
available in versions IP 40 or IP 67
- for use in harsh environments (see technical data)
References
Alternative: double-pole switch: MSM DP 22; MSM DP 30
Alternative: switch with latching function: MSM LA CS 19; MSM LA CS
22; MSM LA 19; MSM LA 22
Alternative: switch with ring illumination: MSM 16; MSM 19; MSM
22; MSM 30
Alternative: Other diameter MSM CS 19; MSM CS 22
Weblinks
html-datasheet, General Product Information, CAD-Drawings, Product
News, Detailed request for product


Similar Part No. - MSMCS16

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MSMCS16 SCHURTER-MSMCS16 Datasheet
560Kb / 7P
Metal Switch Medium Stroke, Switching Voltage up to 250 VAC
05.01.2022
MSMCS16 SCHURTER-MSMCS16_V02 Datasheet
560Kb / 7P
Metal Switch Medium Stroke, Switching Voltage up to 250 VAC
05.01.2022
More results

Similar Description - MSMCS16

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MSM30 SCHURTER-MSM30 Datasheet
911Kb / 9P
Metal Switch Medium Stroke, Switching Voltage up to 250 VAC
MSM22 SCHURTER-MSM22 Datasheet
942Kb / 9P
Metal Switch Medium Stroke, Switching Voltage up to 250 VAC
MSM19 SCHURTER-MSM19 Datasheet
914Kb / 9P
Metal Switch Medium Stroke, Switching Voltage up to 250 VAC
MCSES18 SCHURTER-MCSES18 Datasheet
378Kb / 3P
Metal Switch Medium Stroke, Switching Voltage up to 36 VDC
MSM16 SCHURTER-MSM16 Datasheet
648Kb / 7P
Metal Switch Medium Stroke, Switching Voltage up to 250 VAC
MCSES18 SCHURTER-MCSES18_V02 Datasheet
379Kb / 3P
Metal Switch Medium Stroke, Switching Voltage up to 36 VDC
05.01.2022
MSM19 SCHURTER-MSM19_V02 Datasheet
912Kb / 9P
Metal Switch Medium Stroke, Switching Voltage up to 250 VAC
08.07.2021
MSM22 SCHURTER-MSM22_V02 Datasheet
1Mb / 10P
Metal Switch Medium Stroke, Switching Voltage up to 250 VAC
05.01.2022
MSM30 SCHURTER-MSM30_V03 Datasheet
1Mb / 9P
Metal Switch Medium Stroke, Switching Voltage up to 250 VAC
05.01.2022
MSMCS16 SCHURTER-MSMCS16_V02 Datasheet
560Kb / 7P
Metal Switch Medium Stroke, Switching Voltage up to 250 VAC
05.01.2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com