Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSMCS16 Datasheet(PDF) 2 Page - Schurter Inc.

Part # MSMCS16
Description  Metal Switch Medium Stroke, Switching Voltage up to 250 VAC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MSMCS16 Datasheet(HTML) 2 Page - Schurter Inc.

  MSMCS16 Datasheet HTML 1Page - Schurter Inc. MSMCS16 Datasheet HTML 2Page - Schurter Inc. MSMCS16 Datasheet HTML 3Page - Schurter Inc. MSMCS16 Datasheet HTML 4Page - Schurter Inc. MSMCS16 Datasheet HTML 5Page - Schurter Inc. MSMCS16 Datasheet HTML 6Page - Schurter Inc. MSMCS16 Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Metal Line Switches
MSM CS 16
https://www.schurter.com /PG70
Switches
Technical Data
Electrical Data
Switching Function
N.O., N.C., N.O./N.C.
Number of Poles
1-pole
Supply Voltage
24 VDC Surface backlighting
␣
2 kV MSM
Micro Switch 5 A / 125 VAC or 3 A / 250 VAC, IP40
Contact Material
Ag
Switching Voltage
max. 125 / 250 VAC
Switching Current
max. 5 / 3 A
Rated Switching Capacity
750 W
Lifetime
0.2 million actuations at Rated Swit-
ching Capacity
Contact Resistance
< 30 m
Ω
Insulation Resistance
> 100 M
Ω
Duration of Bounce
< 5 ms
Micro Switch 0,1 A / 30 VDC, IP40
Contact Material
Au
Switching Voltage
max. 30 VDC
Switching Current
max. 0.1 A
Rated Switching Capacity
3 W
Lifetime
0.2 million actuations at Rated Swit-
ching Capacity
Contact Resistance
< 50 m
Ω
Insulation Resistance
> 100 M
Ω
Duration of Bounce
< 5 ms
Micro Switch for Electrical Rating 10 A / 250 VAC (Protection Class
IP40)
Contact Material
Ag
Switching Voltage
max. 250 VAC
Switching Current
max. 10 A
Rated Switching Capacity
2500 W
Lifetime
0.05 million actuations at Rated Swit-
ching Capacity
Contact Resistance
< 30 m
Ω
Insulation Resistance
> 100 M
Ω
Duration of Bounce
< 5 ms
Micro Switch 5 A / 250 VAC, IP67
Switching Voltage
max. 250 VAC
Switching Current
max. 5
Rated Switching Capacity
1250 W
Lifetime
0.05 million actuations at Rated Swit-
ching Capacity
Micro Switch 0,1 A / 250 VAC, IP67 - on request
Switching Voltage
max. 250 VAC
Switching Current
max. 0.1
Rated Switching Capacity
25 W
Lifetime
0.05 million actuations at Rated Swit-
ching Capacity
Micro Switch 10 A / 250 VAC, IP67 - on request
Switching Voltage
max. 250 VAC
Switching Current
max. 10 A
Rated Switching Capacity
2500 W
Lifetime
0.01 million actuations at Rated Swit-
ching Capacity
Mechanical Data
Actuating Force
4.5 N
Actuating Travel
1.0 mm
Lifetime
1.5 million actuations
Shock Protection
IK 07 ,
Tightening Torque Plastic Nut
max. 2 Nm
Tightening Torque Stainless
Steel Nut
max. 10 Nm
Climatical Data
Operating Temperature
-25 to +85 °C
Storage Temperature
-25 to +85 °C
Protection Class
IP 67
Switching Unit
IP 40
␣
IP 67 optional
Salt Spray Test (acc. to DIN
50021-SS)
24 h / 48 h / 96 h Residence Time
Material
Housings
Stainless Steel
Actuator
Ceramic (Zirconium Dioxide)
Seal Ring
NBR70
Switcher Collet
PA
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com