Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7331P Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS7331P
Description  Miniature Bottom Port Analog MEMS Microphone
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7331P Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS7331P Datasheet HTML 3Page - Cirrus Logic CS7331P Datasheet HTML 4Page - Cirrus Logic CS7331P Datasheet HTML 5Page - Cirrus Logic CS7331P Datasheet HTML 6Page - Cirrus Logic CS7331P Datasheet HTML 7Page - Cirrus Logic CS7331P Datasheet HTML 8Page - Cirrus Logic CS7331P Datasheet HTML 9Page - Cirrus Logic CS7331P Datasheet HTML 10Page - Cirrus Logic CS7331P Datasheet HTML 11Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Cirrus Logic Confidential
DS1165PP1
CS7331P
4.5 PSRR Performance
4.5 PSRR Performance
Test conditions: VDD = 1.8 V, GND = 0 V, no output load.
Figure 4-5. PSRR (dB) vs. Frequency (100 Hz–10 kHz)
5 Applications Information
Cirrus Logic provides a range of audio codecs incorporating an analog microphone input interface. These codecs support
direct connections to silicon microphones such as the CS7331P.
Further information on Cirrus Logic audio codecs is provided in the respective product data sheet, which is available from
the Cirrus Logic website.
5.1 Important Assembly Guidelines
Do not put a vacuum over the port hole of the microphone. Placing a vacuum over the port hole can damage the
device.
Do not board wash the microphone after a reflow process. Board washing and the associated cleaning agents can
damage the device.
Do not expose to ultrasonic cleaning methods.
Do not use a vapor phase reflow process. The vapor can damage the device.
Please refer to application note WAN0273 MEMS Mic Assembly and Handling Guidelines for further assembly and
handling guidelines.
40.0
42.0
44.0
46.0
48.0
50.0
52.0
54.0
56.0
58.0
60.0
62.0
64.0
66.0
68.0
70.0
100
1000
10000
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com