Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7331P Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS7331P
Description  Miniature Bottom Port Analog MEMS Microphone
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7331P Datasheet(HTML) 1 Page - Cirrus Logic

  CS7331P Datasheet HTML 1Page - Cirrus Logic CS7331P Datasheet HTML 2Page - Cirrus Logic CS7331P Datasheet HTML 3Page - Cirrus Logic CS7331P Datasheet HTML 4Page - Cirrus Logic CS7331P Datasheet HTML 5Page - Cirrus Logic CS7331P Datasheet HTML 6Page - Cirrus Logic CS7331P Datasheet HTML 7Page - Cirrus Logic CS7331P Datasheet HTML 8Page - Cirrus Logic CS7331P Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Cirrus Logic Confidential
Copyright
 Cirrus Logic, Inc. 2016–2017
(All Rights Reserved)
http://www.cirrus.com
DS1165PP1
FEB '17
Miniature Bottom Port Analog MEMS Microphone
Features
• High acoustic overload point (AOP, 124-dB SPL)
• High signal-to-noise ratio (63-dB SNR)
• Low variation in sensitivity (±1 dB)
• Low current consumption (55
A)
• Analog output
• Bottom-port LGA package
• 1.6- to 3.6-V supply
Description
The CS7331P is a low-profile analog MEMS microphone. It
offers miniature dimensions and low-current consumption,
making it ideal for always-on, always-listening use in
space-constrained applications.
The CS7331P incorporates Cirrus Logic® proprietary
CMOS/MEMS membrane technology, offering high
reliability and high performance. The CS7331P is designed
to withstand the high temperatures associated with
automated flow solder assembly processes.
The CS7331P is ideally suited to the Cirrus Logic
SoundClear™ suite of audio processing algorithms,
including speech recognition, voice trigger, and noise
cancelation.
The CS7331P is available in a 2.5 × 1.6 × 0.9-mm,
bottom-port LGA package, with a 0.25-mm port diameter. It
is ideal for portable applications such as noise-canceling
earbuds, smartphones, wearables, and cameras.
Biasing
High
Performance
Amp
CMOS ASIC
MEMS
Transducer
OUTPUT
VDD
GND
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
CS7331P


Similar Part No. - CS7331P

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS7331 CIRRUS-CS7331 Datasheet
168Kb / 10P
Miniature Bottom Port Analog MEMS Microphone
More results

Similar Description - CS7331P

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
WM7331E CIRRUS-WM7331E Datasheet
787Kb / 12P
Bottom Port Analog Silicon Microphone
logo
STMicroelectronics
MP33AB01H STMICROELECTRONICS-MP33AB01H Datasheet
459Kb / 13P
MEMS audio surface-mount bottom-port silicon microphone with analog output
10-Oct-2013
logo
Cirrus Logic
CS7331 CIRRUS-CS7331 Datasheet
168Kb / 10P
Miniature Bottom Port Analog MEMS Microphone
WM7132 CIRRUS-WM7132 Datasheet
727Kb / 12P
Bottom Port Analog Silicon Microphone
WM7331 CIRRUS-WM7331 Datasheet
787Kb / 12P
Bottom Port Analog Silicon Microphone
WM7132PE CIRRUS-WM7132PE Datasheet
727Kb / 12P
Bottom Port Analog Silicon Microphone
logo
TDK Electronics
UG-118 TDK-UG-118 Datasheet
150Kb / 2P
Bottom Port Digital MEMS Microphone Evaluation Board
UG-126 TDK-UG-126 Datasheet
140Kb / 2P
Bottom Port Analog MEMS Microphone Evaluation Board
logo
PUI audio inc.
PMM-3738-VM1000-R PUIAUDIO-PMM-3738-VM1000-R Datasheet
780Kb / 7P
Low-Noise Bottom Port Piezoelectric MEMS Microphone
logo
STMicroelectronics
MP23ABS1 STMICROELECTRONICS-MP23ABS1 Datasheet
568Kb / 15P
High-performance MEMS audio sensor: single-ended analog bottom-port microphone
28-Oct-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com