Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7331P Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS7331P
Description  Miniature Bottom Port Analog MEMS Microphone
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7331P Datasheet(HTML) 2 Page - Cirrus Logic

  CS7331P Datasheet HTML 1Page - Cirrus Logic CS7331P Datasheet HTML 2Page - Cirrus Logic CS7331P Datasheet HTML 3Page - Cirrus Logic CS7331P Datasheet HTML 4Page - Cirrus Logic CS7331P Datasheet HTML 5Page - Cirrus Logic CS7331P Datasheet HTML 6Page - Cirrus Logic CS7331P Datasheet HTML 7Page - Cirrus Logic CS7331P Datasheet HTML 8Page - Cirrus Logic CS7331P Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Cirrus Logic Confidential
DS1165PP1
CS7331P
Table of Contents
1 Pin Descriptions ........................................................................................................................................................... 3
1.1 LGA Pinout ............................................................................................................................................................ 3
1.2 Pin Descriptions ..................................................................................................................................................... 3
2 Typical Connection Diagram ....................................................................................................................................... 4
3 Characteristics and Specifications ............................................................................................................................. 4
Table 3-1. Parameter Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Table 3-2. Recommended Operating Conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Table 3-3. Absolute Maximum Ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Table 3-4. Acoustic and Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
4 Typical Performance .................................................................................................................................................... 6
4.1 Audio Frequency Response .................................................................................................................................. 6
4.2 Ultrasonic Frequency Response ........................................................................................................................... 6
4.3 Phase Response ................................................................................................................................................... 7
4.4 THD Performance .................................................................................................................................................. 7
4.5 PSRR Performance ............................................................................................................................................... 8
5 Applications Information ............................................................................................................................................. 8
5.1 Important Assembly Guidelines ............................................................................................................................. 8
5.2 PCB Land Pattern and Paste Stencil ..................................................................................................................... 9
6 Package Dimensions .................................................................................................................................................. 10
7 Ordering Information .................................................................................................................................................. 10
8 References .................................................................................................................................................................. 10
9 Revision History ......................................................................................................................................................... 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com