Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL27721 Datasheet(PDF) 1 Page - ams AG

Part # TSL27721
Description  Light-to-Digital Converter with Proximity Sensing
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL27721 Datasheet(HTML) 1 Page - ams AG

  TSL27721 Datasheet HTML 1Page - ams AG TSL27721 Datasheet HTML 2Page - ams AG TSL27721 Datasheet HTML 3Page - ams AG TSL27721 Datasheet HTML 4Page - ams AG TSL27721 Datasheet HTML 5Page - ams AG TSL27721 Datasheet HTML 6Page - ams AG TSL27721 Datasheet HTML 7Page - ams AG TSL27721 Datasheet HTML 8Page - ams AG TSL27721 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
ams Datasheet
Page 1
[v1-00] 2016-Aug-26
Document Feedback
TSL2772
Light-to-Digital Converter with
Proximity Sensing
The TSL2772 device family provides both ambient light sensing
(ALS) and, when coupled with an external IR LED, proximity
detection. The device family is based on the ams patented
dual-diode technology that enables accurate ALS results and
approximates human eye response to light intensity under a
variety of lighting conditions.
The TSL2772 ALS includes a reduced-gain mode that extends
the operating range to 60k lux in sunlight. The device package
incorporates a UV-rejection filter that enables accurate ALS. The
TSL2772 proximity detection includes improved
signal-to-noise performance and selectable gain modes. A
proximity offset register allows compensation for optical
system crosstalk between the IR LED and the sensor. To prevent
false proximity data measurement readings, a proximity
saturation indicator bit signals that the internal analog circuitry
has reached saturation.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of TSL2772, Light-to-Digital
Converter with Proximity Sensing are listed below:
Figure 1:
Added Value Of Using TSL2772
Benefits
Features
• Enables Operation in IR Light Environments
• Patented Dual-Diode Architecture
• Enables Operation in 60K Lux Sunlight and Accurate
Sensing Behind Spectrally Distorting Materials
• 8M:1 Dynamic Range
• Improves Lux Accuracy Across Varying Light Sources
• UV-Rejection Package
• Compensates for Internal System Offset or IR LED
Crosstalk
• Proximity Offset Adjustment
• Prevents False Proximity Detection in Bright Light
• Proximity Saturation Indicator Bit
General Description


Similar Part No. - TSL27721

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
TSL27721 OSRAM-TSL27721 Datasheet
1Mb / 58P
Light-to-Digital Converter with Proximity Sensing
v2-00 2023-Mar-30
TSL27721FN OSRAM-TSL27721FN Datasheet
1Mb / 58P
Light-to-Digital Converter with Proximity Sensing
v2-00 2023-Mar-30
More results

Similar Description - TSL27721

ManufacturerPart #DatasheetDescription
logo
ams AG
TCS3771 AMSCO-TCS3771 Datasheet
1Mb / 33P
COLOR LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
TCS3772 AMSCO-TCS3772 Datasheet
1Mb / 33P
COLOR LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
TMD3782 AMSCO-TMD3782 Datasheet
600Kb / 34P
Color Light-To-Digital Converter with Proximity Sensing
TSL2771 AMSCO-TSL2771 Datasheet
780Kb / 33P
LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
TSL2772 AMSCO-TSL2772 Datasheet
1Mb / 35P
LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
logo
TEXAS ADVANCED OPTOELEC...
TMD37821 TAOS-TMD37821 Datasheet
600Kb / 34P
Color Light-To-Digital Converter with Proximity Sensing
TMD37823 TAOS-TMD37823 Datasheet
600Kb / 34P
Color Light-To-Digital Converter with Proximity Sensing
logo
Texas Instruments
FDC2212 TI1-FDC2212 Datasheet
1Mb / 60P
Capacitance-to-Digital Converter for Proximity Level Sensing Applications
logo
ams AG
TCS37727 AMSCO-TCS37727 Datasheet
1Mb / 50P
Color Light?릘o?륞igital Converter with Proximity Sensing
TSL27711 AMSCO-TSL27711 Datasheet
780Kb / 50P
Light-to-Digital Converter with Proximity Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com