Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL27721 Datasheet(PDF) 10 Page - ams AG

Part # TSL27721
Description  Light-to-Digital Converter with Proximity Sensing
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL27721 Datasheet(HTML) 10 Page - ams AG

Back Button TSL27721 Datasheet HTML 6Page - ams AG TSL27721 Datasheet HTML 7Page - ams AG TSL27721 Datasheet HTML 8Page - ams AG TSL27721 Datasheet HTML 9Page - ams AG TSL27721 Datasheet HTML 10Page - ams AG TSL27721 Datasheet HTML 11Page - ams AG TSL27721 Datasheet HTML 12Page - ams AG TSL27721 Datasheet HTML 13Page - ams AG TSL27721 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
Page 10
ams Datasheet
Document Feedback
[v1-00] 2016-Aug-26
TSL2772 − Absolute Maximum R atings
Note(s):
1. Parameter is ensured by design or characterization and is not tested.
2. Proximity noise is defined as one standard deviation of 600 samples.
3. Proximity noise typically increases as √PPULSE
4. Greater operating distances are achievable with appropriate optical system design considerations. See available ams application
notes for additional information.
5. Maximum operating distance is dependent upon emitter and the reflective properties of the object’s surface.
6. Proximity noise test was done using Figure 10.
Figure 10:
Proximity Noise Test Circuit
Figure 11:
Wait Characteristics, VDD = 3 V, TA = 25°C, WEN = 1 (unless otherwise noted)
Note(s):
1. Parameter ensured by design and is not tested.
Maximum
operating distance
(1)(4)(5)
PDRIVE = 0 and PDL = 0 (116 mA), PPULSE = 64
18
inches
Emitter:
λp = 850 nm, 20º half angle, and
60 mW/sr
Object: 16
× 20-inch, 90% reflective Kodak Gray
Card (white surface)
Optics: Open view (no glass, no optical
attenuation)
Parameter
Test
Conditions
Channel
Min
Typ
Max
Unit
Wait step size
WTIME = 0xFF
2.58
2.73
2.9
ms
Wait number of integration steps (1)
1256
steps
Parameter
Test Conditions
Min
Typ
Max
Unit
TSL2772
VDD
1
mF
22
W
15.0
W
1
34
VDD
GND
LDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com