Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL27721 Datasheet(PDF) 2 Page - ams AG

Part # TSL27721
Description  Light-to-Digital Converter with Proximity Sensing
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL27721 Datasheet(HTML) 2 Page - ams AG

  TSL27721 Datasheet HTML 1Page - ams AG TSL27721 Datasheet HTML 2Page - ams AG TSL27721 Datasheet HTML 3Page - ams AG TSL27721 Datasheet HTML 4Page - ams AG TSL27721 Datasheet HTML 5Page - ams AG TSL27721 Datasheet HTML 6Page - ams AG TSL27721 Datasheet HTML 7Page - ams AG TSL27721 Datasheet HTML 8Page - ams AG TSL27721 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
Page 2
ams Datasheet
Document Feedback
[v1-00] 2016-Aug-26
TSL2772 − General Description
• Ambient Light Sensing and Proximity Detection in a Single
Device
• Ambient Light Sensing (ALS)
• Approximates Human Eye Response
• Programmable Analog Gain and Integration Time
• 8000000:1 Dynamic Range
• Operation to 60000 lux in Sunlight
• Very High Sensitivity — Ideally Suited for Operation
Behind Dark Glass
•Package UV Rejection Filter
• Proximity Detection
• Programmable Analog Gain, Integration Time, and
Offset
• Current Sink Driver for External IR LED
•Saturation Indicator
• 16000:1 Dynamic Range
• Maskable ALS and Proximity Interrupt
• Programmable Upper and Lower Thresholds with
Persistence Filter
• Power Management
•Low Power 2.2
μA Sleep State with User-Selectable
Sleep-After-Interrupt Mode
•90
μA Wait State with Programmable Wait Time from
2.7 ms to > 8 seconds
• I²C Fast Mode Compatible Interface
• Data Rates up to 400 kbit/s
• Input Voltage Levels Compatible with VDD or 1.8-V Bus
• Register Set- and Pin-Compatible with the TSL2x71 Series
• Small 2 mm
× 2 mm Dual Flat No-Lead (FN) Package
Applications
TSL2772, Light-to-Digital Converter with Proximity Sensing is
ideal for:
• Display Backlight Control
• Cell Phone Touch Screen Disable
• Mechanical Switch Replacement
• Industrial Process Control
• Medical Diagnostics
• Printer Paper Alignment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com