Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5523ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5523ACPZ-R7
Description  Low Noise Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5523ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5523ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Data Sheet
ADL5523
Rev. C | Page 7 of 21
TYPICAL PERFORMANCE CHARACTERISTICS
900 MHz, VPOS = 5 V
Matched for optimal noise figure, external matching circuit included.
25
20
15
10
5
0
–5
–10
–15
–20
–25
–30
–35
600 650 700 750 800 850 900 950 1000 1050 1100 1150 1200
FREQUENCY (MHz)
S11
S21
S12
S22
Figure 3. Typical S-Parameters, Log Magnitude
24
22
20
18
16
14
12
10
8
6
4
2
0
60
55
50
45
40
35
30
25
20
15
10
5
0
850
860
870
880
890
900
910
920
930
940
950
FREQUENCY (MHz)
GAIN
NOISE FIGURE
P1dB
OIP3
Figure 4. Noise Figure, Gain, OIP3, and P1dB vs. Frequency
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
800
820
840
860
880
900
920
940
960
980 1000
FREQUENCY (MHz)
+25°C
+85°C
–40°C
Figure 5. Noise Figure vs. Temperature
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
800
820
840
860
880
900
920
940
960
980 1000
FREQUENCY (MHz)
Figure 6. Noise Figure vs. Frequency at 25°C, Multiple Devices
23.5
23.0
22.5
22.0
21.5
21.0
20.5
20.0
19.5
19.0
36
34
32
30
28
26
24
22
20
18
850
860
870
880
890
900
910
920
930
940
950
FREQUENCY (MHz)
+85°C
+25°C
–40°C
+85°C
+25°C
–40°C
+85°C
+25°C
–40°C
GAIN
P1dB
OIP3
Figure 7. Gain, OIP3, and P1dB vs. Temperature
40
38
36
32
34
30
28
26
24
22
20
–4
–2
0246
8
10
12
14
16
18
20
22
POUT PER TONE (dBm)
+25°C
–40°C
+85°C
Figure 8. OIP3 vs. Output Power (POUT) and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com