Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5523ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5523ACPZ-R7
Description  Low Noise Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5523ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5523ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Data Sheet
ADL5523
Rev. C | Page 11 of 21
900 MHz, VPOS = 3 V
Matched for optimal noise figure, external matching circuit included.
25
20
10
0
–10
–20
15
5
–5
–15
–25
–30
–35
600 650 700
800
900
750
850
950 1000 1050 1100 1150 1200
FREQUENCY (MHz)
S11
S21
S12
S22
Figure 27. Typical S-Parameters, Log Magnitude
22
20
18
16
14
10
6
2
0
34
32
30
28
26
22
18
14
12
8
4
24
20
16
12
850 860 870 880 890
910
900
920 930 940 950
FREQUENCY (MHz)
GAIN
P1dB
OIP3
NOISE FIGURE
Figure 28. Noise Figure, Gain, OIP3, and P1dB vs. Frequency
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
800 820 840 860 880 900 920 940 960 980 1000
FREQUENCY (MHz)
+25°C
+85°C
–40°C
Figure 29. Noise Figure vs. Temperature
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
800 820 840 860 880 900 920 940 960 980 1000
FREQUENCY (MHz)
Figure 30. Noise Figure vs. Frequency at 25°C, Multiple Devices
23.0
22.5
22.0
21.5
21.0
20.5
20.0
19.5
19.0
18.5
32
30
28
26
24
22
20
18
16
14
850 860 870 880 890 900 910 920 930 940 950
FREQUENCY (MHz)
+85°C
+85°C
+85°C
+25°C
+25°C
+25°C
–40°C
–40°C
–40°C
OIP3
GAIN
P1dB
Figure 31. Gain, OIP3, and P1dB vs. Temperature
32
31
29
25
27
30
28
26
24
23
22
20
21
19
18
–4
–2
2
0
4
6
8
10
12
14
16
18
20
POUT PER TONE (dBm)
+85°C
+25°C
–40°C
Figure 32. OIP3 vs. Output Power (POUT) and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com