Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5523ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADL5523ACPZ-R7
Description  Low Noise Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5523ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADL5523ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
ADL5523
Data Sheet
Rev. C | Page 16 of 21
BASIC CONNECTIONS
The basic connections for operating the ADL5523 are shown in
Figure 53. Capacitor C5 provides the power supply decoupling.
Inductor L1 (Coilcraft 0403HQ or 0402HP series) and Capacitor C1
(Murata High-Q GJM series or equivalent) provide the input
impedance matching, and the output impedance matching is
provided by either L2 or C3. Resistor R1 is used to set the supply
current, and the value of R1 is indirectly proportional to the
supply current (that is, increasing the value of R1 reduces the
supply current). The recommended external components for
selected frequencies are listed in Table 7.
For 5 V applications where the input power exceeds the input
compression point of approximately 7 dBm, insert a series
resistor (R2) of at least 8 Ω, with a high power rating (0.2 W
minimum), on the VPOS line to protect the device from the
input power overdrive. In this case, reduce Resistor R1 from
1.3 kΩ to 600 Ω to keep the supply current at around 60 mA.
With R2 = 8.2 Ω (Susumu RP1608S-8R2-F) and R1 = 600 Ω, the
gain and noise figure for the ADL5523 are mostly unchanged.
Table 6 lists OIP3 and P1dB at selected frequencies. For 3 V
power supply applications, a series resistor is not necessary for
the expected input overdrive powers up to 20 dBm.
VBIAS
RFIN
NC
NC
RFOUT
VPOS
NC
NC
Z1
RFIN
RFOUT
C1
L1
TR2
TR1
L2
C3
C5
100nF
W1
VPOS
GND
R1
R2
ADL5523
1
2
3
4
8
7
6
5
Figure 53. ADL5523 Basic Connections
Table 6. ADL5523 Performance at VPOS = 5 V, 25°C with
R2 = 8.2 Ω and R1 = 600 Ω
Frequency
(MHz)
Noise
Figure (dB)
Gain
(dB)
P1dB
(dBm)
OIP3 (dBm)
(POUT = 0 dBm)
900
0.8
21.5
20.3
32.5
1950
1.0
17.0
20.7
34.0
2600
0.9
13.5
20.5
35.0
3500
1.0
11.3
20.1
35.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com