Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRT-GFTM Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LRT-GFTM
Description  white PLCC-6 package, higher contrast by a black surface (RGY-Displays) and diffused silicone resin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRT-GFTM Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LRT-GFTM Datasheet HTML 7Page - OSRAM GmbH LRT-GFTM Datasheet HTML 8Page - OSRAM GmbH LRT-GFTM Datasheet HTML 9Page - OSRAM GmbH LRT-GFTM Datasheet HTML 10Page - OSRAM GmbH LRT-GFTM Datasheet HTML 11Page - OSRAM GmbH LRT-GFTM Datasheet HTML 12Page - OSRAM GmbH LRT-GFTM Datasheet HTML 13Page - OSRAM GmbH LRT-GFTM Datasheet HTML 14Page - OSRAM GmbH LRT-GFTM Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LRT GFTM
2015-04-27
11
Durchlassstrom
5) 6) Seite 24
Forward Current
5) 6) page 24
I
F = f (VF); TS = 25 °C
Relative Lichtstärke
6) 7) 1) Seite 24
Relative Luminous Intensity
6) 7) 1) page 24
I
V/IV(10 mA (R) = f (IF); TS = 25 °C
Relative Lichtstärke
6) 7) 1) Seite 24
Relative Luminous Intensity
6) 7) 1) page 24
IV/IV20 mA (T) = f (IF); TS = 25 °C
OHL04512
1.5
V
F
I
V
F
mA
2
2.5
3
3.5
4
4.5
0
10
10
1
10
2
5
5
true green
red
OHL04514
I
F
10
0
5
10
1
10
mA
2
0
10
5
5
10-2
1
10
-1
10
red
I (10 mA)
V
V
I
OHL03762
I
F
10
0
5
10
1
10
mA
2
0
10
5
5
10-2
1
10
-1
10
true green
I (20 mA)
V
V
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com