Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRT-GFTM Datasheet(PDF) 13 Page - OSRAM GmbH

Part # LRT-GFTM
Description  white PLCC-6 package, higher contrast by a black surface (RGY-Displays) and diffused silicone resin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRT-GFTM Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button LRT-GFTM Datasheet HTML 9Page - OSRAM GmbH LRT-GFTM Datasheet HTML 10Page - OSRAM GmbH LRT-GFTM Datasheet HTML 11Page - OSRAM GmbH LRT-GFTM Datasheet HTML 12Page - OSRAM GmbH LRT-GFTM Datasheet HTML 13Page - OSRAM GmbH LRT-GFTM Datasheet HTML 14Page - OSRAM GmbH LRT-GFTM Datasheet HTML 15Page - OSRAM GmbH LRT-GFTM Datasheet HTML 16Page - OSRAM GmbH LRT-GFTM Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LRT GFTM
2015-04-27
13
Maximal zulässiger Durchlassstrom rot
Max. Permissible Forward Current red
I
F = f (T); 1 chip on
Maximal zulässiger Durchlassstrom true grün
Max. Permissible Forward Current true green
I
F = f (T); 1 chip on
Maximal zulässiger Durchlassstrom rot
Max. Permissible Forward Current red
I
F = f (T); 2 chips on
Maximal zulässiger Durchlassstrom true grün
Max. Permissible Forward Current true green
I
F = f (T); 2 chips on
Do not use current below 3 mA
80
20
40
60
0
T temp. solder point
S
0
A
T
10
temp. ambient
20
˚C 120
T
30
TA
F
I
40
mA
50
TS
OHL03556
3
0
0
˚C
T
IF
mA
OHL03574
20
40
60
80
120
5
10
15
20
25
TS
TA
temp. ambient
T
temp. solder point
S
T
A
Do not use current below 5 mA
Do not use current below 3 mA
0
0
10
20
120
80
20
40
60
˚C
T
T temp. solder point
S
T temp. ambient
A
A
T
30
IF
40
mA
50
TS
OHL03557
3
T
TA
T
Do not use current below 5 mA
0
0
5
10
120
20
40
60
80
˚C
T
temp. solder point
S
temp. ambient
A
15
IF
20
mA
25
TS
OHL03561



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com