Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0102 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0102
Description  Automotive 2-Channel Auto Bidirectional Multi-Voltage Level Translator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0102 Datasheet(HTML) 3 Page - Texas Instruments

  LSF0102 Datasheet HTML 1Page - Texas Instruments LSF0102 Datasheet HTML 2Page - Texas Instruments LSF0102 Datasheet HTML 3Page - Texas Instruments LSF0102 Datasheet HTML 4Page - Texas Instruments LSF0102 Datasheet HTML 5Page - Texas Instruments LSF0102 Datasheet HTML 6Page - Texas Instruments LSF0102 Datasheet HTML 7Page - Texas Instruments LSF0102 Datasheet HTML 8Page - Texas Instruments LSF0102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
EN
Vref_B
B1
B2
GND
Vref_A
A1
A2
3
LSF0102-Q1
www.ti.com
SDLS969 – MAY 2018
Product Folder Links: LSF0102-Q1
Copyright © 2018, Texas Instruments Incorporated
5 Pin Configuration and Functions
LSF0102-Q1 DCU Package
8-Pin VSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
DCU
A1
3
I/O
Input/Output A port for Channel 1
A2
4
I/O
Input/Output A port for Channel 2
B1
6
I/O
Input/Output B port for Channel 1
B2
5
I/O
Input/Output B port for Channel 2
EN
8
I
I/O enable input; see Figure 7 for typical setup. Should be tied directly to
Vref_B to be enabled or pulled LOW to disable all I/O pins.
GND
1
—
Ground
Vref_A
2
—
A side reference supply voltage; see Application and Implementation for
setup and supply voltage range.
Vref_B
7
—
B side reference supply voltage. Must be connected to supply through 200
k
Ω; see Application and Implementation for setup and supply voltage
range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com