Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0102 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0102
Description  Automotive 2-Channel Auto Bidirectional Multi-Voltage Level Translator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0102 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LSF0102 Datasheet HTML 7Page - Texas Instruments LSF0102 Datasheet HTML 8Page - Texas Instruments LSF0102 Datasheet HTML 9Page - Texas Instruments LSF0102 Datasheet HTML 10Page - Texas Instruments LSF0102 Datasheet HTML 11Page - Texas Instruments LSF0102 Datasheet HTML 12Page - Texas Instruments LSF0102 Datasheet HTML 13Page - Texas Instruments LSF0102 Datasheet HTML 14Page - Texas Instruments LSF0102 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
LSF0102-Q1
www.ti.com
SDLS969 – MAY 2018
Product Folder Links: LSF0102-Q1
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Typical Application (continued)
(1)
Vref_A is required to be the lowest voltage level across all inputs and outputs.
Table 2. Application Operating Condition
PARAMETER
MIN
TYP
MAX
UNIT
Vref_A(1)
reference voltage (A)
0.95
4.5
V
Vref_B
reference voltage (B)
Vref_A + 0.8
5.5
V
VI(EN)
input voltage on EN pin
Vref_A + 0.8
Vref_B
5.5
V
Vpu
pull-up supply voltage
0
Vref_B
V
(1)
Calculated for VOL = 0.35 V
(2)
Assumes output driver VOL = 0.175 V at stated current
(3)
+10% to compensate for VDD range and resistor tolerance
The 200 k
Ω, pull-up resistor is required to allow Vref_B to regulate the EN input. A filter capacitor on Vref_B is
recommended. Also Vref_B and VI(EN) are recommended to be 1.0 V higher than Vref_A for best signal integrity.
9.2.1.2 Detailed Design Procedure
9.2.1.2.1
Bidirectional Translation
For the bidirectional clamping configuration (higher voltage to lower voltage or lower voltage to higher voltage),
the EN input must be connected to Vref_B and both pins pulled to HIGH side Vpu through a pull-up resistor
(typically 200 k
Ω), as shown in Figure 7. This allows Vref_B to regulate the EN input. A filter capacitor on Vref_B
is recommended. The master output driver can be push-pull or open-drain (pull-up resistors may be required)
and the slave device output can be push-pull or open-drain (pull-up resistors are required to pull the Bn outputs
to Vpu).
If either output is push-pull, data must be unidirectional or the outputs must be tri-state and be controlled by
some direction-control mechanism to prevent HIGH-to-LOW contention in either direction. If both outputs are
open-drain, no direction control is needed.
In Figure 7, the reference supply voltage (Vref_A) is connected to the processor core power supply voltage.
When Vref_B is connected through a 200 k
Ω resistor to a 3.3 V Vpu power supply, and Vref_A is set 1.2 V. The
output of A1 has a maximum output voltage equal to Vref_A, and the bidirectional interface on channel 2 has a
maximum output voltage equal to Vpu.
9.2.1.2.2
Pull-up Resistor Sizing
To maintain an appropriate output low voltage, the pull-up resistor value should limit the current through the pass
transistor when it is in the ON state to less than 15 mA. This ensures a pass voltage of 260 mV to 350 mV. To
set the current through each pass transistor at 15 mA, the pull-up resistor value can be calculated using the
following equation:
Rpu = (Vpu – 0.35 V) / 0.015 A
(1)
The appropriate pull up resistor will depend on the current requirements of the application. Table 3 summarizes
resistor values, reference voltages, and currents at 15 mA, 10 mA, and 3 mA. The resistor value shown in the
+10% column (or a larger value) should be used to ensure that the pass voltage of the transistor is 350 mV or
less. The external driver must be able to sink the total current from the resistors on both sides of the LSF0102-
Q1 device at 0.175 V, although the 15 mA applies only to current flowing through the LSF0102-Q1.
Table 3. Pull-up Resistor Values(1)(2)
VDPU
15 mA
10 mA
3 mA
NOMINAL (Ω)
+10%(3) (Ω)
NOMINAL (Ω)
+10%(3) (Ω)
NOMINAL (Ω)
+10%(3) (Ω)
5 V
310
341
465
512
1550
1705
3.3 V
197
217
295
325
983
1082
2.5 V
143
158
215
237
717
788
1.8 V
97
106
145
160
483
532
1.5 V
77
85
115
127
383
422
1.2 V
57
63
85
94
283
312



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com