Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0102 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0102
Description  Automotive 2-Channel Auto Bidirectional Multi-Voltage Level Translator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0102 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LSF0102 Datasheet HTML 9Page - Texas Instruments LSF0102 Datasheet HTML 10Page - Texas Instruments LSF0102 Datasheet HTML 11Page - Texas Instruments LSF0102 Datasheet HTML 12Page - Texas Instruments LSF0102 Datasheet HTML 13Page - Texas Instruments LSF0102 Datasheet HTML 14Page - Texas Instruments LSF0102 Datasheet HTML 15Page - Texas Instruments LSF0102 Datasheet HTML 16Page - Texas Instruments LSF0102 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
SDIO Connector
(3.3V IO)
SD Controller
(1.8V IO)
LSF0102-Q1
SDIO level translator
Device PCB
TP1
TP2
GND
Vref_A
EN
Vref_B
A1
A2
B1
B2
LSF0102-Q1
Short Signal Trace as possible
Minimize Stub as possible
1
2
3
4
5
6
7
8
13
LSF0102-Q1
www.ti.com
SDLS969 – MAY 2018
Product Folder Links: LSF0102-Q1
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
Vref_A is required to be the lowest voltage level across all inputs and outputs.
10 Power Supply Recommendations
There are no power sequence requirements for the LSF family. For recommended operating voltages for all
supply and input pins, see Table 5.
Table 4. Recommended Operating Voltages
PARAMETER
MIN
TYP
MAX
UNIT
Vref_A(1)
reference voltage (A)
0.95
4.5
V
Vref_B
reference voltage (B)
Vref_A + 0.8
5.5
V
VI(EN)
input voltage on EN pin
Vref_A + 0.8
5.5
V
Vpu
pull-up supply voltage
0
Vref_B
V
11 Layout
11.1 Layout Guidelines
Because the LSF0102-Q1 device is a switch-type level translator, the signal integrity is dependent upon the pull-
up resistor value and PCB board parasitics. Consider the following recommendations when designing with the
LSF0102-Q1.
•
Minimize the signal trace length to reduce capacitance
•
Avoid using stubs in the signal path to reduce parasitics.
•
Place the LSF0102-Q1 device near the high voltage side.
•
Select the appropriate pull-up resistor that applies to translation levels and driving capability of transmitter.
11.2 Layout Example
Figure 9. Short Trace Layout
Figure 10. Device Placement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com