Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTRB-RASR Datasheet(PDF) 15 Page - OSRAM GmbH

Part # LTRB-RASR
Description  SMD package with silicone resin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTRB-RASR Datasheet(HTML) 15 Page - OSRAM GmbH

Back Button LTRB-RASR Datasheet HTML 11Page - OSRAM GmbH LTRB-RASR Datasheet HTML 12Page - OSRAM GmbH LTRB-RASR Datasheet HTML 13Page - OSRAM GmbH LTRB-RASR Datasheet HTML 14Page - OSRAM GmbH LTRB-RASR Datasheet HTML 15Page - OSRAM GmbH LTRB-RASR Datasheet HTML 16Page - OSRAM GmbH LTRB-RASR Datasheet HTML 17Page - OSRAM GmbH LTRB-RASR Datasheet HTML 18Page - OSRAM GmbH LTRB-RASR Datasheet HTML 19Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Version 
LTRB RASR
2017-05-15
15
Maximal zulässiger Durchlassstrom
Max. Permissible Forward Current
I
F = f (T);
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
S= 25 °C
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
S= 85 °C
LTRBRASF
0
20406080
T [°C]
0
5
10
15
20
25
30
IF [mA]
Donotusebelow5mA
: Ts
: Ta
10-6 10-5 10-4 10-3 0.01 0.1
1
10
Pulsetime [s]
0.04
0.06
0.08
0.10
IF [A]
LTRBRASF
: D= 1.0
: D= 0.5
: D= 0.2
: D= 0.1
: D= 0.05
: D= 0.02
: D= 0.01
: D= 0.005
10-6 10-5 10-4 10-3 0.01 0.1
1
10
Pulsetime [s]
0.04
0.06
0.08
0.10
IF [A]
LTRBRASF
: D= 1.0
: D= 0.5
: D= 0.2
: D= 0.1
: D= 0.05
: D= 0.02
: D= 0.01
: D= 0.005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com