Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTRB-RASR Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LTRB-RASR
Description  SMD package with silicone resin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTRB-RASR Datasheet(HTML) 4 Page - OSRAM GmbH

  LTRB-RASR Datasheet HTML 1Page - OSRAM GmbH LTRB-RASR Datasheet HTML 2Page - OSRAM GmbH LTRB-RASR Datasheet HTML 3Page - OSRAM GmbH LTRB-RASR Datasheet HTML 4Page - OSRAM GmbH LTRB-RASR Datasheet HTML 5Page - OSRAM GmbH LTRB-RASR Datasheet HTML 6Page - OSRAM GmbH LTRB-RASR Datasheet HTML 7Page - OSRAM GmbH LTRB-RASR Datasheet HTML 8Page - OSRAM GmbH LTRB-RASR Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
2017-05-15
4
Version 
LTRB RASR
Kennwerte
Characteristics
(
T
S = 25 °C)
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
red
true
green
blue
Wellenlänge des emittierten Lichtes
(typ.)
Wavelength at peak emission
I
F = 20 mA
peak
632
525
462
nm
Dominantwellenlänge
3) Seite 23
(typ.)
Dominant wavelength
3) page 23
I
F = 20 mA
dom
621
530
465
nm
Spektrale Bandbreite bei 50 % I
rel max
(typ.)
Spectral bandwidth at 50 % I
rel max
I
F = 20 mA

18
33
25
nm
Abstrahlwinkel bei 50 % I
V (Vollwinkel)
(typ.)
Viewing angle at 50 % I
V
2
120
120
120
Grad
deg.
Durchlassspannung
5) Seite 23
(min.)
Forward voltage
5) page 23
(typ.)
I
F = 20 mA
(max.)
V
F
V
F
V
F
1.8
2.1
2.4
2.9
3.2
3.7
2.7
2.9
3.3
V
V
V
Sperrstrom
(max.)
Reverse current
V
R = 5 V (blue / true green); 12 V (red)
I
R
not designed for
reverse operation
A
Wärmewiderstand Sperrschicht/Umgebung
7) Seite 23
Thermal resistance junction/ambient
7) page 23
alle Chips betrieben / all chips operating
(max.)
R
th JA real
670*
K/W
Wärmewiderstand Sperrschicht/Lötpad
Thermal resistance Junction/Solder Point
alle Chips betrieben / all chips operating
(max.)
R
th JS real
360*
K/W
*R
th(max) basiert auf statistischen Werten
*R
th(max) is based on statistic values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com