Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LU-5351 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LU-5351
Description  colorless, diffused
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LU-5351 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LU-5351 Datasheet HTML 4Page - OSRAM GmbH LU-5351 Datasheet HTML 5Page - OSRAM GmbH LU-5351 Datasheet HTML 6Page - OSRAM GmbH LU-5351 Datasheet HTML 7Page - OSRAM GmbH LU-5351 Datasheet HTML 8Page - OSRAM GmbH LU-5351 Datasheet HTML 9Page - OSRAM GmbH LU-5351 Datasheet HTML 10Page - OSRAM GmbH LU-5351 Datasheet HTML 11Page - OSRAM GmbH LU-5351 Datasheet HTML 12Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LU 5351
2006-10-04
9
Maßzeichnung
9)
Seite 12
Package Outlines
9)
page 12
Kathodenkennung:
mittlerer Lötspieß
Cathode mark:
middle solder lead
Gewicht / Approx. weight:
0.4 g
Empfohlenes Lötpaddesign
9)
Seite 12
Wellenlöten (TTW)
Recommended Solder Pad
9)
page 12
TTW Soldering
GEXY6720
Anode: red
Area not flat
Circuit diagram
C
A
A
Anode: green
Cathode
1.2 (0.047)
1.8 (0.071)
25.2 (0.992)
24.2 (0.953)
7.5 (0.295)
12.4 (0.488)
11.9 (0.469)
7.8 (0.307)
8.2 (0.323)
9.0 (0.354)
5.9 (0.232)
5.5 (0.217)
0.4 (0.016)
0.6 (0.024)
OHLP2855
CU i No solder resist
CU i Lötstopplack freier Bereich
CU - Metallisierung ca. 8 mm
CU - Area appr. 0.314 Inch
2.54 (0.100)
2.0 (0.078)
Hole
Bohrung
pro Pad und Seite mit Lötstopplack
per pad and side with solder resist
2
2
1.4 (0.055)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com