Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LU-5351 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LU-5351
Description  colorless, diffused
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LU-5351 Datasheet(HTML) 4 Page - OSRAM GmbH

  LU-5351 Datasheet HTML 1Page - OSRAM GmbH LU-5351 Datasheet HTML 2Page - OSRAM GmbH LU-5351 Datasheet HTML 3Page - OSRAM GmbH LU-5351 Datasheet HTML 4Page - OSRAM GmbH LU-5351 Datasheet HTML 5Page - OSRAM GmbH LU-5351 Datasheet HTML 6Page - OSRAM GmbH LU-5351 Datasheet HTML 7Page - OSRAM GmbH LU-5351 Datasheet HTML 8Page - OSRAM GmbH LU-5351 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2006-10-04
4
LU 5351
Kennwerte
Characteristics
(
T
A = 25 °C)
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
LS
LG
Wellenlänge des emittierten Lichtes
(typ.)
Wavelength at peak emission
I
F = 10 mA
λ
peak
635
565
nm
Dominantwellenlänge
5)
Seite 12
(min.)
Dominant wavelength
5)
page 12
(typ.)
I
F = 10 mA
(max.)
λ
dom
λ
dom
λ
dom
622
628
634
564
570
576
nm
nm
nm
Spektrale Bandbreite bei 50 %
I
rel max
(typ.)
Spectral bandwidth at 50 %
I
rel max
I
F = 10 mA
∆λ
45
25
nm
Abstrahlwinkel bei 50 %
I
V (Vollwinkel)
(typ.)
Viewing angle at 50 %
I
V
2
ϕ
50
50
Grad
deg.
Durchlassspannung
6)
Seite 12
(typ.)
Forward voltage
6)
page 12
(max.)
I
F = 10 mA
V
F
V
F
2.0
2.5
2.0
2.5
V
V
Temperaturkoeffizient von
λ
peak
(typ.)
Temperature coefficient of
λ
peak
I
F = 10 mA; –10°C ≤ T ≤ 100°C
TCλpeak
0.11
0.11
nm/K
Temperaturkoeffizient von
λ
dom
(typ.)
Temperature coefficient of
λ
dom
I
F = 10 mA; –10°C ≤ T ≤ 100°C
TCλdom
0.07
0.07
nm/K
Temperaturkoeffizient von
V
F
(typ.)
Temperature coefficient of
V
F
I
F = 10 mA; –10°C ≤ T ≤ 100°C
TC
V
– 1.9
– 1.4
mV/K
Optischer Wirkungsgrad
(typ.)
Optical efficiency
I
F = 10 mA
η
opt
1.5
2.5
lm/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com