Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LU-5351 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LU-5351
Description  colorless, diffused
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LU-5351 Datasheet(HTML) 1 Page - OSRAM GmbH

  LU-5351 Datasheet HTML 1Page - OSRAM GmbH LU-5351 Datasheet HTML 2Page - OSRAM GmbH LU-5351 Datasheet HTML 3Page - OSRAM GmbH LU-5351 Datasheet HTML 4Page - OSRAM GmbH LU-5351 Datasheet HTML 5Page - OSRAM GmbH LU-5351 Datasheet HTML 6Page - OSRAM GmbH LU-5351 Datasheet HTML 7Page - OSRAM GmbH LU-5351 Datasheet HTML 8Page - OSRAM GmbH LU-5351 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LU 5351
5 mm (T1 ¾) MULTILED
®, Diffused
Lead (Pb) Free Product - RoHS Compliant
LU 5351 abgekündigt nach OS-PD-2006-009 -
wird nicht ersetzt werden.
LU 5351 obsolete acc. to OS-PD-2006-009 -
no replacement.
2006-10-04
1
Besondere Merkmale
• Gehäusetyp: nicht eingefärbtes, diffuses
5 mm (T1 ¾) Gehäuse
• Besonderheit des Bauteils: beide Farben
getrennt ansteuerbar; Lötspieße mit
Aufsetzebene
• Wellenlänge: 628 nm (super-rot),
570 nm (grün)
• Abstrahlwinkel: 50°
• Technologie: GaAlP
• optischer Wirkungsgrad:
1,5 lm/W (super-rot), 2,5 lm/W (grün)
• Gruppierungsparameter: Lichtstärke
• Lötmethode: Wellenlöten (TTW)
• Verpackung: Schüttgut, gegurtet lieferbar
Anwendungen
• optischer Indikator
• drei verschiedene Zustandsanzeigen möglich
Features
• package: colorless, diffused
5 mm (T1 ¾) package
• feature of the device: both colors can be
controlled separately; solder leads with
stand-off
• wavelength: 628 nm (super-red),
570 nm (green)
• viewing angle: 50°
• technology: GaAlP
• optical efficiency: 1.5 lm/W (super-red),
2.5 lm/W (green)
• grouping parameter: luminous intensity
• soldering methods: TTW soldering
• packing: bulk, available taped on reel
Applications
• optical indicators
• three different status indications possible.


Similar Part No. - LU-5351

ManufacturerPart #DatasheetDescription
logo
RAYEX ELECTRONICS CO., ...
LU-5-R RAYEX-LU-5-R Datasheet
65Kb / 2P
LU SERIES
More results

Similar Description - LU-5351

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGQ396-PS-35 OSRAM-LGQ396-PS-35 Datasheet
1Mb / 20P
SMT package 0603, colorless diffused resin
LHR974-LP-1 OSRAM-LHR974-LP-1 Datasheet
394Kb / 20P
SMT package 0805, colorless diffused resin
LU5351 OSRAM-LU5351 Datasheet
310Kb / 12P
colorless, diffused 5 mm package
LB-Q39E OSRAM-LB-Q39E Datasheet
1Mb / 21P
SMT package 0603, colorless diffused resin
LB-Q39G OSRAM-LB-Q39G Datasheet
1Mb / 21P
SMT package 0603, colorless diffused resin
LS-L296 OSRAM-LS-L296 Datasheet
388Kb / 20P
SMT package 0603, colorless diffused resin
LT-QH9G OSRAM-LT-QH9G Datasheet
730Kb / 21P
SMT package 0402, colorless diffused resin
LB-V19G OSRAM-LB-V19G Datasheet
569Kb / 15P
SMT package, colorless diffused resin
LB-V193 OSRAM-LB-V193 Datasheet
564Kb / 14P
SMT package, colorless diffused resin
LG-V196 OSRAM-LG-V196 Datasheet
572Kb / 14P
SMT package, colorless diffused resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com