Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL314 Datasheet(PDF) 21 Page - Exar Corporation

Part # XRT83SL314
Description  14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL314 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRT83SL314 Datasheet HTML 17Page - Exar Corporation XRT83SL314 Datasheet HTML 18Page - Exar Corporation XRT83SL314 Datasheet HTML 19Page - Exar Corporation XRT83SL314 Datasheet HTML 20Page - Exar Corporation XRT83SL314 Datasheet HTML 21Page - Exar Corporation XRT83SL314 Datasheet HTML 22Page - Exar Corporation XRT83SL314 Datasheet HTML 23Page - Exar Corporation XRT83SL314 Datasheet HTML 24Page - Exar Corporation XRT83SL314 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 85 page
background image
XRT83SL314
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
PRELIMINARY
REV. P1.0.5
16
2.1.2
CASE 2: Internal Termination With One External Fixed Resistor for All Modes
Along with the internal termination, a high precision external fixed resistor can be used to optimize the return
loss. This external resistor can be used for all modes of operation ensuring one bill of materials. There are
three resistor values that can be used by setting the RxRES[1:0] bits in the appropriate channel register.
Selecting the value for the external fixed resistor is shown in Table 3.
By default, RxRES[1:0] is set to "None" for no external fixed resistor. If an external fixed resistor is used, the
XRT83SL314 uses the parallel combination of the external fixed resistor and the internal termination as the
input impedance. See Figure 5 for a typical connection diagram using the external fixed resistor.
NOTE: Without the external resistor, the XRT83SL314 meets all return loss specifications. This mode was created to add
flexibility for optimizing return loss by using a high precision external resistor.
FIGURE 5. TYPICAL CONNECTION DIAGRAM USING ONE EXTERNAL FIXED RESISTOR
TABLE 3: SELECTING THE VALUE OF THE EXTERNAL FIXED RESISTOR
RXRES[1:0]
EXTERNAL FIXED RESISTOR
0h (00)
None
1h (01)
240
Ω
2h (10)
210
Ω
3h (11)
150
Ω
R
TIP
R
RING
XRT83SL314 LIU
1:1
Internal Impedance
Line Interface T1/E1/J1
R
R=240
Ω, 210Ω, or 150Ω
Receiver
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com