Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL314 Datasheet(PDF) 39 Page - Exar Corporation

Part # XRT83SL314
Description  14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL314 Datasheet(HTML) 39 Page - Exar Corporation

Back Button XRT83SL314 Datasheet HTML 35Page - Exar Corporation XRT83SL314 Datasheet HTML 36Page - Exar Corporation XRT83SL314 Datasheet HTML 37Page - Exar Corporation XRT83SL314 Datasheet HTML 38Page - Exar Corporation XRT83SL314 Datasheet HTML 39Page - Exar Corporation XRT83SL314 Datasheet HTML 40Page - Exar Corporation XRT83SL314 Datasheet HTML 41Page - Exar Corporation XRT83SL314 Datasheet HTML 42Page - Exar Corporation XRT83SL314 Datasheet HTML 43Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 85 page
background image
XRT83SL314
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
PRELIMINARY
REV. P1.0.5
34
4.1.3
Digital Loopback
With digital loopback activated, the transmit input data at TCLK/TPOS/TNEG is looped back to the receive
output data at RCLK/RPOS/RNEG. The digital loopback mode includes the Transmit JA (if enabled). The
receive input data at RTIP/RRING is ignored while valid transmit output data continues to be sent to the line. A
simplified block diagram of digital loopback is shown in Figure 30.
FIGURE 30. SIMPLIFIED BLOCK DIAGRAM OF DIGITAL LOOPBACK
4.1.4
Dual Loopback
With dual loopback activated, the remote loopback is combined with the digital loopback. A simplified block
diagram of dual loopback is shown in Figure 31.
FIGURE 31. SIMPLIFIED BLOCK DIAGRAM OF DUAL LOOPBACK
Encoder
Decoder
Timing
Control
Data and
Clock
Recovery
JA
JA
Tx
Rx
TAOS
NLC/PRBS/QRSS
TTIP
TRING
RTIP
RRING
TCLK
TPOS
TNEG
RCLK
RPOS
RNEG
Encoder
Decoder
Timing
Control
Data and
Clock
Recovery
JA
JA
Tx
Rx
TAOS
NLC/PRBS/QRSS
TTIP
TRING
RTIP
RRING
TCLK
TPOS
TNEG
RCLK
RPOS
RNEG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com