Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL314 Datasheet(PDF) 27 Page - Exar Corporation

Part # XRT83SL314
Description  14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL314 Datasheet(HTML) 27 Page - Exar Corporation

Back Button XRT83SL314 Datasheet HTML 23Page - Exar Corporation XRT83SL314 Datasheet HTML 24Page - Exar Corporation XRT83SL314 Datasheet HTML 25Page - Exar Corporation XRT83SL314 Datasheet HTML 26Page - Exar Corporation XRT83SL314 Datasheet HTML 27Page - Exar Corporation XRT83SL314 Datasheet HTML 28Page - Exar Corporation XRT83SL314 Datasheet HTML 29Page - Exar Corporation XRT83SL314 Datasheet HTML 30Page - Exar Corporation XRT83SL314 Datasheet HTML 31Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 85 page
background image
XRT83SL314
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
PRELIMINARY
REV. P1.0.5
22
In T1 mode, RLOS is declared if an incoming signal has no transitions over a period of 175 +/-75 contiguous
pulse intervals. However, the XRT83SL314 LIU has a built in analog RLOS so that the user can be notified
when the amplitude of the incoming signal has been attenuated -9dB below the equalizer gain setting. For
example:
In T1 or E1 short haul mode, the equalizer gain setting is 15dB.
Once the input reaches an
amplitude of -24dB below nominal, the LIU will declare RLOS. The RLOS circuitry clears when the input
reaches +3dB relative to where it was declared. This +3dB value is a pre-determined hysteresis so that
transients will not cause the RLOS to clear. In E1 mode, RLOS is declared if an incoming signal has no
transitions for N consecutive pulse intervals, where 10
≤N≤255. According to G.775, no transitions in E1 mode
is defined between -9dB and -35dB below nominal. Figure 14 is a simplified block diagram of the analog
RLOS function. Table 6 summarizes the analog RLOS values for the different equalizer gain settings.
FIGURE 14. ANALOG RECEIVE LOS OF SIGNAL FOR T1/E1/J1
NOTE: For programming the equalizer gain setting on a per channel basis, see the microprocessor register map for details.
2.6.3.2
EXLOS (Extended Loss of Signal)
By enabling the extended loss of signal by programming the appropriate channel register, the digital RLOS is
extended to count 4,096 consecutive zeros before declaring RLOS in T1 and E1 mode. By default, EXLOS is
disabled and RLOS operates in normal mode.
2.6.3.3
AIS (Alarm Indication Signal)
The XRT83SL314 adheres to the ITU-T G.775 specification for an all ones pattern. The alarm indication signal
is set to "1" if an all ones pattern (at least 99.9% ones density) is present for T, where T is 3ms to 75ms in T1
mode. AIS will clear when the ones density is not met within the same time period T. In E1 mode, the AIS is
set to "1" if the incoming signal has 2 or less zeros in a 512-bit window. AIS will clear when the incoming signal
has 3 or more zeros in the 512-bit window.
TABLE 6: ANALOG RLOS DECLARE/CLEAR (TYPICAL VALUES) FOR T1/E1
GAIN SETTING
DECLARE
CLEAR
15dB (Short Haul Mode)
-24dB
-21dB
29dB (Monitoring Gain Mode)
-38dB
-35dB
Normalized up to EQC[4:0] Setting
Declare LOS
Clear LOS
-9dB
+3dB
Clear LOS
Declare LOS
+3dB
-9dB
Normalized up to EQC[4:0] Setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com