Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUW-F65N Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LUW-F65N
Description  SMD package with lens
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUW-F65N Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LUW-F65N Datasheet HTML 3Page - OSRAM GmbH LUW-F65N Datasheet HTML 4Page - OSRAM GmbH LUW-F65N Datasheet HTML 5Page - OSRAM GmbH LUW-F65N Datasheet HTML 6Page - OSRAM GmbH LUW-F65N Datasheet HTML 7Page - OSRAM GmbH LUW-F65N Datasheet HTML 8Page - OSRAM GmbH LUW-F65N Datasheet HTML 9Page - OSRAM GmbH LUW-F65N Datasheet HTML 10Page - OSRAM GmbH LUW-F65N Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Released
LUW F65N
2009-06-17
7
Operation conditions
I
F
[mA]
V
F
[V]
Flash Duration
(T
S = 25°C)
[ms]
Flash Interval
[s]
typ.
2) page 19
max.
350
3.2
3.8
2) page 19
DC
-
500
3.4
3.95
2) page 19
DC
-
700
3.6
4.1
500
3
1000
3.8
4.4
2) page 19
300
3
1500
4.3
4.8
2) page 19
50
3
Illuminance - Flash operation
I
F
[mA]
Phiv (typ.)
2) page 19
[lm]
E
V in 1m
2) page 19
[lux]
100
21.0
32.0
200
39.0
59.0
350
62.0
94.0
500
83.0
125.0
700
106.0
160.0
1000
134.0
202.0
Exemplary median Lifetime
2) page 19
for Strobe Applications
Conditions
median Lifetime
Unit
Operation conditions
1500 mA
D = 2,5 %
t
pulse = 0.25 s
T
amb = 25°
on FR4
(T
j = 175°C)
>30.000
pulses
Flash mode
100 mA
T
amb = 25°
on FR4
(T
j = 60°C)
>1.000 (I
v>50%)
hours
Torch mode
T
j = 155°C
>100 (I
v>50%)
hours
Torch mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com