Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUW-F65N Datasheet(PDF) 12 Page - OSRAM GmbH

Part # LUW-F65N
Description  SMD package with lens
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUW-F65N Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button LUW-F65N Datasheet HTML 8Page - OSRAM GmbH LUW-F65N Datasheet HTML 9Page - OSRAM GmbH LUW-F65N Datasheet HTML 10Page - OSRAM GmbH LUW-F65N Datasheet HTML 11Page - OSRAM GmbH LUW-F65N Datasheet HTML 12Page - OSRAM GmbH LUW-F65N Datasheet HTML 13Page - OSRAM GmbH LUW-F65N Datasheet HTML 14Page - OSRAM GmbH LUW-F65N Datasheet HTML 15Page - OSRAM GmbH LUW-F65N Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Released
LUW F65N
2009-06-17
12
Maximal zulässiger Durchlassstrom
Max. Permissible Forward Current
I
F = f (TS)
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
S = 25 °C
Pulse derating under steady state condition
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
S = 85 °C
Pulse derating under steady state condition
0
0
˚C
T
IF
mA
OHL04156
S
10 20 30 40 50 60 70 80
100
50
100
150
200
250
300
350
400
450
550
0.4
-5
F
I
A
tp
s
OHL04157
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
P
t
=
D
T
T
t
P
IF
0.2
0.5
1
0.05
0.1
0.02
0.005
0.01
=
D
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.6
0.33
0.4
-5
F
I
A
tp
s
OHL04157
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
P
t
=
D
T
T
t
P
IF
0.2
0.5
1
0.05
0.1
0.02
0.005
0.01
=
D
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.6
0.33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com